Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2487SQX Datasheet(PDF) 5 Page - Texas Instruments

Part # LMX2487SQX
Description  Low-Power Dual PLLatinum Frequency Synthesizers
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2487SQX Datasheet(HTML) 5 Page - Texas Instruments

  LMX2487SQX Datasheet HTML 1Page - Texas Instruments LMX2487SQX Datasheet HTML 2Page - Texas Instruments LMX2487SQX Datasheet HTML 3Page - Texas Instruments LMX2487SQX Datasheet HTML 4Page - Texas Instruments LMX2487SQX Datasheet HTML 5Page - Texas Instruments LMX2487SQX Datasheet HTML 6Page - Texas Instruments LMX2487SQX Datasheet HTML 7Page - Texas Instruments LMX2487SQX Datasheet HTML 8Page - Texas Instruments LMX2487SQX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
LMX2487
www.ti.com
SNAS322C – FEBRUARY 2006 – REVISED JANUARY 2016
6.5 Electrical Characteristics
(VCC = 3.0 V; –40°C ≤ TA ≤ +85°C unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC PARAMETERS
IF PLL OFF
ICCRF
Power supply current, RF synthesizer
RF PLL ON
5.7
mA
Charge Pump TRI-STATE
IF PLL ON
ICCIF
Power supply current, IF synthesizer
RF PLL OFF
2.5
mA
Charge Pump TRI-STATE
IF PLL ON
Power supply current, entire
ICCTOTAL
RF PLL ON
8.5
mA
synthesizer
Charge Pump TRI-STATE
CE = ENOSC = 0 V
ICCPD
Power-down current
< 1
µA
CLK, DATA, LE = 0 V
RF SYNTHESIZER PARAMETERS
RF_P = 16
1000
4000
fFinRF
Operating frequency
LMX2487
MHz
RF_P = 32
1000
6000
pFinRF
Input sensitivity
–10
0
dBm
fCOMP
Phase detector frequency(1)
50
MHz
RF_CPG = 0
95
µA
VCPoutRF = VCC/2
RF_CPG = 1
190
µA
VCPoutRF = VCC/2
ICPoutRFSRCE
RF charge pump source current(2)
...
...
µA
RF_CPG = 15
1520
µA
VCPoutRF = VCC/2
RF_CPG = 0
–95
µA
VCPoutRF = VCC/2
RF_CPG = 1
–190
µA
VCPoutRF = VCC/2
ICPoutRFSINK
RF charge pump sink current(2)
...
...
µA
RF_CPG = 15
–1520
µA
VCPoutRF = VCC/2
RF charge pump TRI-STATE current
ICPoutRFTRI
0.5
≤ VCPoutRF ≤ VCC -0.5
2
10
nA
magnitude
RF_CPG > 2
3%
10%
Magnitude of RF CP sink vs CP
VCPoutRF = VCC/2
| ICPoutRF%MIS |
source mismatch
TA = 25°C
RF_CPG
≤ 2
3%
13%
Magnitude of RF CP current vs CP
0.5
≤ VCPoutRF ≤ VCC -0.5
| ICPoutRF%V |
2%
8%
voltage
TA = 25°C
Magnitude of RF CP current vs
| ICPoutRF%T |
VCPoutRF = VCC/2
4%
temperature
IF SYNTHESIZER PARAMETERS
IF_P = 8
250
2000
fFinIF
Operating frequency
MHz
IF_P = 16
250
3000
pFinIF
IF input sensitivity
–10
5
dBm
fCOMP
Phase detector frequency
10
MHz
ICPoutIFSRCE
IF charge pump source current
VCPoutIF = VCC/2
3.5
mA
ICPoutIFSINK
IF charge pump sink current
VCPoutIF = VCC/2
–3.5
mA
IF charge pump TRI-STATE current
ICPoutIFTRI
0.5
≤ VCPoutIF ≤ VCC RF -0.5
2
10
nA
magnitude
Magnitude of IF CP sink vs CP source
VCPoutIF = VCC/2
| ICPoutIF%MIS |
1%
8%
mismatch
TA = 25°C
Magnitude of IF CP current vs CP
0.5
≤ VCPoutIF ≤ VCC -0.5
| ICPoutIF%V |
4%
10%
voltage
TA = 25°C
Magnitude of IF CP current vs
| ICPoutIF%TEMP
VCPoutIF = VCC/2
4%
temperature
(1)
For Phase Detector Frequencies above 20 MHz, Cycle Slip Reduction (CSR) may be required. Legal divide ratios are also required.
(2)
Refer to the table in RF_CPG – RF PLL Charge Pump Gain for a complete listing of charge pump currents.
Copyright © 2006–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMX2487


Similar Part No. - LMX2487SQX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2487SQX NSC-LMX2487SQX Datasheet
862Kb / 37P
   3.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
More results

Similar Description - LMX2487SQX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2486 TI1-LMX2486_16 Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
LMX2485Q-Q1 TI1-LMX2485Q-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Low Power Dual PLLatinum Frequency Synthesizers
LMX2487E TI1-LMX2487E Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
logo
Analog Devices
ADF4217L AD-ADF4217L Datasheet
273Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4218L AD-ADF4218L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4217L AD-ADF4217L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4219L AD-ADF4219L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
logo
National Semiconductor ...
LMX1600 NSC-LMX1600_05 Datasheet
628Kb / 17P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX1600 NSC-LMX1600 Datasheet
196Kb / 14P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX2485 NSC-LMX2485_08 Datasheet
744Kb / 40P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800MHz Integer PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com