Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2433TMX Datasheet(PDF) 2 Page - Texas Instruments

Part # LMX2433TMX
Description  Dual High-Frequency Synthesizer
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2433TMX Datasheet(HTML) 2 Page - Texas Instruments

  LMX2433TMX Datasheet HTML 1Page - Texas Instruments LMX2433TMX Datasheet HTML 2Page - Texas Instruments LMX2433TMX Datasheet HTML 3Page - Texas Instruments LMX2433TMX Datasheet HTML 4Page - Texas Instruments LMX2433TMX Datasheet HTML 5Page - Texas Instruments LMX2433TMX Datasheet HTML 6Page - Texas Instruments LMX2433TMX Datasheet HTML 7Page - Texas Instruments LMX2433TMX Datasheet HTML 8Page - Texas Instruments LMX2433TMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
LMX2430, LMX2433, LMX2434
SNAS187D – FEBRUARY 2003 – REVISED JANUARY 2016
www.ti.com
Table of Contents
9.4
Device Functional Modes........................................ 28
1
Features .................................................................. 1
9.5
Programming........................................................... 29
2
Applications ........................................................... 1
9.6
Register Maps ......................................................... 30
3
Description ............................................................. 1
10
Application and Implementation........................ 41
4
Revision History..................................................... 2
10.1
Application Information.......................................... 41
5
Description continued ........................................... 3
10.2
Typical Application ............................................... 42
6
Pin Configuration and Functions ......................... 3
11
Power Supply Recommendations ..................... 44
7
Specifications......................................................... 4
12
Layout................................................................... 44
7.1
Absolute Maximum Ratings ...................................... 4
12.1
Layout Guidelines ................................................. 44
7.2
Recommended Operating Conditions ....................... 4
12.2
Layout Example .................................................... 44
7.3
Thermal Information .................................................. 5
13
Device and Documentation Support ................. 45
7.4
Electrical Characteristics .......................................... 5
13.1
Device Support...................................................... 45
7.5
Timing Requirements ................................................ 7
13.2
Related Links ........................................................ 45
7.6
Typical Characteristics .............................................. 8
13.3
Community Resources.......................................... 45
8
Parameter Measurement Information ................ 12
13.4
Trademarks ........................................................... 45
8.1
Bench Test Setups.................................................. 12
13.5
Electrostatic Discharge Caution ............................ 45
9
Detailed Description ............................................ 23
13.6
Glossary ................................................................ 45
9.1
Overview ................................................................. 23
14
Mechanical, Packaging, and Orderable
9.2
Functional Block Diagram ....................................... 23
Information ........................................................... 46
9.3
Feature Description................................................. 24
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (March 2013) to Revision D
Page
Shortened data sheet title LMX243x PLLatinum™ Dual High-Frequency Synthesizer for RF Personal
Communications LMX2430 3 GHz/0.8 GHz, LMX2433 3.6 GHz/1.7 GHz, LMX2434 5 GHz/2.5 GHz to LMX243x
PLLatinum™ Dual High-Frequency Synthesizer for RF Personal Communications because the extra information is
also listed in Features............................................................................................................................................................. 1
Added Device Information table, Pin Configuration and Functions section, Thermal Information table, Feature
Description section, Device Functional Modes, Application and Implementation section, Power Supply
Recommendations section, Layout section, Device and Documentation Support section, and Mechanical,
Packaging, and Orderable Information section ..................................................................................................................... 1
Changes from Revision B (March 2013) to Revision C
Page
Changed layout of National Data Sheet to TI format ........................................................................................................... 40
2
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Product Folder Links: LMX2430 LMX2433 LMX2434


Similar Part No. - LMX2433TMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2433TMX NSC-LMX2433TMX Datasheet
943Kb / 49P
   PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2433TMX

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
   Dual PLL frequency synthesizer
logo
Motorola, Inc
MC145149 MOTOROLA-MC145149 Datasheet
157Kb / 12P
   Dual PLL Frequency Synthesizer
logo
Intersil Corporation
HFA3524 INTERSIL-HFA3524 Datasheet
172Kb / 15P
   2.5GHz/600MHz Dual Frequency Synthesizer
March 2000
logo
Sanyo Semicon Device
LM7006 SANYO-LM7006 Datasheet
275Kb / 7P
   Dual PLL Frequency Synthesizer Circuit
logo
Integrated Device Techn...
844S42I IDT-844S42I Datasheet
428Kb / 28P
   Dual Output RF Frequency Synthesizer
logo
Toshiba Semiconductor
TB31251FL TOSHIBA-TB31251FL Datasheet
573Kb / 15P
   1.4GHz DUAL-PLL FREQUENCY SYNTHESIZER
logo
NXP Semiconductors
UMA1005T PHILIPS-UMA1005T Datasheet
88Kb / 24P
   Dual low-power frequency synthesizer
November 1994
logo
Renesas Technology Corp
ICS844S42I RENESAS-ICS844S42I Datasheet
705Kb / 29P
   Dual Output RF Frequency Synthesizer
April 28, 2016
logo
Motorola, Inc
MC12429 MOTOROLA-MC12429 Datasheet
123Kb / 12P
   HIGH FREQUENCY CLOCK SYNTHESIZER
logo
Fujitsu Component Limit...
MB15F73UL FUJITSU-MB15F73UL_01 Datasheet
265Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com