Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2487 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2487
Description  Low-Power Dual PLLatinum Frequency Synthesizers
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2487 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMX2487 Datasheet HTML 6Page - Texas Instruments LMX2487 Datasheet HTML 7Page - Texas Instruments LMX2487 Datasheet HTML 8Page - Texas Instruments LMX2487 Datasheet HTML 9Page - Texas Instruments LMX2487 Datasheet HTML 10Page - Texas Instruments LMX2487 Datasheet HTML 11Page - Texas Instruments LMX2487 Datasheet HTML 12Page - Texas Instruments LMX2487 Datasheet HTML 13Page - Texas Instruments LMX2487 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Start 100 MHz
Stop 3000 MHz
Marker 1:
100 MHz
Marker 2:
250 MHz
1
2
Marker 3:
2300 MHz
Marker 4:
3000 MHz
4
3
LMX2487
SNAS322C – FEBRUARY 2006 – REVISED JANUARY 2016
www.ti.com
6.7.3 FinIF Input Impedance
Typical characteristics do not imply any sort of ensured specification. Ensured specifications are in Electrical Characteristics.
Figure 11. FinIF Input Impedance
Table 2. FinIF Input Impedance
FinIF INPUT IMPEDANCE
FREQUENCY (MHz)
REAL (
Ω)
IMAGINARY (
Ω)
100
508
–233
150
456
–215
200
420
–206
250
403
–205
300
370
–207
400
344
–215
500
207
–223
600
274
–225
700
242
–225
800
242
–225
900
214
–222
1000
171
–208
1200
137
–191
1400
112
–176
1600
91
–158
1800
76
–139
2000
62
–122
2200
51
–105
2300
46
–96
2400
42
–88
2600
37
–74
2800
29
–63
3000
25
–54
10
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Product Folder Links: LMX2487


Similar Part No. - LMX2487

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2487 NSC-LMX2487 Datasheet
862Kb / 37P
   3.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
LMX2487 NSC-LMX2487 Datasheet
729Kb / 40P
   1.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
Texas Instruments
LMX2487E TI1-LMX2487E Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
LMX2487ESQ TI1-LMX2487ESQ Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
LMX2487ESQ/NOPB TI1-LMX2487ESQ/NOPB Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
More results

Similar Description - LMX2487

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2486 TI1-LMX2486_16 Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
LMX2485Q-Q1 TI1-LMX2485Q-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Low Power Dual PLLatinum Frequency Synthesizers
LMX2487E TI1-LMX2487E Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
logo
Analog Devices
ADF4217L AD-ADF4217L Datasheet
273Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4218L AD-ADF4218L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4217L AD-ADF4217L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4219L AD-ADF4219L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
logo
National Semiconductor ...
LMX1600 NSC-LMX1600_05 Datasheet
628Kb / 17P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX1600 NSC-LMX1600 Datasheet
196Kb / 14P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX2485 NSC-LMX2485_08 Datasheet
744Kb / 40P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800MHz Integer PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com