Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2430TM Datasheet(PDF) 5 Page - Texas Instruments

Part # LMX2430TM
Description  Dual High-Frequency Synthesizer
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2430TM Datasheet(HTML) 5 Page - Texas Instruments

  LMX2430TM Datasheet HTML 1Page - Texas Instruments LMX2430TM Datasheet HTML 2Page - Texas Instruments LMX2430TM Datasheet HTML 3Page - Texas Instruments LMX2430TM Datasheet HTML 4Page - Texas Instruments LMX2430TM Datasheet HTML 5Page - Texas Instruments LMX2430TM Datasheet HTML 6Page - Texas Instruments LMX2430TM Datasheet HTML 7Page - Texas Instruments LMX2430TM Datasheet HTML 8Page - Texas Instruments LMX2430TM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
LMX2430, LMX2433, LMX2434
www.ti.com
SNAS187D – FEBRUARY 2003 – REVISED JANUARY 2016
7.3 Thermal Information
LMX243x
THERMAL METRIC(1)
NPE (ULGA)
PW (TSSOP)
UNIT
20 PINS
20 PINS
RθJA
Junction-to-ambient thermal resistance
80.9
111.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
22.5
44.9
°C/W
RθJB
Junction-to-board thermal resistance
40
63.5
°C/W
ψJT
Junction-to-top characterization parameter
0.2
6.1
°C/W
ψJB
Junction-to-board characterization parameter
40
62.8
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Electrical Characteristics
VCC = EN = 2.5 V, −40°C ≤ TA ≤ +85°C, unless otherwise specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC PARAMETERS
LMX2430
CLK, DATA and LE = 0 V
2.8
3.6
mA
Power supply current,
OSCin = GND
LMX2433
3.2
4.4
mA
ICCRF
RF
RF_PD Bit = 0
synthesizer
IF_PD Bit = 1
LMX2434
4.6
6.2
mA
RF_P Bit = 0
LMX2430
CLK, DATA and LE = 0 V
1.4
2
mA
Power supply current,
OSCin = GND
LMX2433
2
2.8
mA
ICCIF
IF
RF_PD Bit = 1
synthesizer
IF_PD Bit = 0
LMX2434
2.4
3.5
mA
IF_P Bit = 0
EN, ENosc, CLK, DATA
ICCPD
Power-down current
10
μA
and LE = 0 V
RF SYNTHESIZER PARAMETERS
RF_P Bit = 0
250
2500
MHz
LMX2430
RF_P Bit = 1
250
3000
MHz
RF operating
fFinRF
RF_P Bit = 0
500
3000
MHz
frequency
LMX2433
RF_P Bit = 1
500
3600
MHz
LMX2434
RF_P Bit = 0 or 1
1000
5000
MHz
P = 8 / 9(1)
24
262,151
NRF
N divider range
P = 16 / 17(1)
48
524,287
P = 32 / 33(1)
96
524,287
RRF
RF R divider range
3
32,767
fCOMPRF
RF phase detector frequency
10
MHz
LMX2430 / 33
−15
0
dBm
2.25 V
≤ VCC ≤ 2.75 V
(2)
pFinRF
RF input sensitivity
LMX2434
−12
0
dBm
2.35 V
≤ VCC ≤ 2.75 V
(2)
VCPoutRF = VCC / 2
–1
mA
RF_CPG Bit = 0(3)
ICPoutRF
RF charge-pump output source current
Source
VCPoutRF = VCC / 2
–4
mA
RF_CPG Bit = 1 (3)
VCPoutRF = VCC / 2
1
mA
RF_CPG Bit = 0 (3)
ICPoutRF
RF charge-pump output sink current
Sink
VCPoutRF = VCC / 2
4
mA
RF_CPG Bit = 1 (3)
(1)
Some of the values in this range are illegal divide ratios (B < A). To obtain continuous legal division, the Minimum Divide Ratio must be
calculated. Use N
≥ P * (P−1), where P is the value of the prescaler selected.
(2)
Refer to LMX243x FinRF Sensitivity Test Set-Up.
(3)
Refer to LMX243x Charge Pump Test Set-Up.
Copyright © 2003–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMX2430 LMX2433 LMX2434


Similar Part No. - LMX2430TM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2430TM NSC-LMX2430TM Datasheet
943Kb / 49P
   PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
LMX2430TMX NSC-LMX2430TMX Datasheet
943Kb / 49P
   PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2430TM

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
   Dual PLL frequency synthesizer
logo
Motorola, Inc
MC145149 MOTOROLA-MC145149 Datasheet
157Kb / 12P
   Dual PLL Frequency Synthesizer
logo
Intersil Corporation
HFA3524 INTERSIL-HFA3524 Datasheet
172Kb / 15P
   2.5GHz/600MHz Dual Frequency Synthesizer
March 2000
logo
Sanyo Semicon Device
LM7006 SANYO-LM7006 Datasheet
275Kb / 7P
   Dual PLL Frequency Synthesizer Circuit
logo
Integrated Device Techn...
844S42I IDT-844S42I Datasheet
428Kb / 28P
   Dual Output RF Frequency Synthesizer
logo
Toshiba Semiconductor
TB31251FL TOSHIBA-TB31251FL Datasheet
573Kb / 15P
   1.4GHz DUAL-PLL FREQUENCY SYNTHESIZER
logo
NXP Semiconductors
UMA1005T PHILIPS-UMA1005T Datasheet
88Kb / 24P
   Dual low-power frequency synthesizer
November 1994
logo
Renesas Technology Corp
ICS844S42I RENESAS-ICS844S42I Datasheet
705Kb / 29P
   Dual Output RF Frequency Synthesizer
April 28, 2016
logo
Motorola, Inc
MC12429 MOTOROLA-MC12429 Datasheet
123Kb / 12P
   HIGH FREQUENCY CLOCK SYNTHESIZER
logo
Fujitsu Component Limit...
MB15F73UL FUJITSU-MB15F73UL_01 Datasheet
265Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com