Electronic Components Datasheet Search |
|
LMK03318RHST Datasheet(PDF) 1 Page - Texas Instruments |
|
|
LMK03318RHST Datasheet(HTML) 1 Page - Texas Instruments |
1 / 136 page LMK03318 Ultra-high performance clock generator PLL Output Dividers Output Buffers 8 8 2 Power Conditioning Interface I 2C/ROM/ EEPROM Product Folder Sample & Buy Technical Documents Tools & Software Support & Community LMK03318 SNAS669A – SEPTEMBER 2015 – REVISED DECEMBER 2015 LMK03318 Ultra-Low-Noise Jitter Clock Generator Family with One PLL, Eight Outputs, Integrated EEPROM 1 Features – Industrial Temperature Range (–40ºC to 85ºC) 1 • Ultra-Low Noise, High Performance 2 Applications – Jitter: 100-fs RMS Typical, FOUT > 100 MHz • Switches and Routers – PSRR: –70 dBc, Robust Supply Noise • Network and Telecom Line Cards Immunity • Servers and Storage Systems • Flexible Device Options • Wireless Base Station – Up to 8 AC-LVPECL, AC-LVDS, AC-CML, HCSL or LVCMOS Outputs or Any 3 Description Combination The LMK03318 is an ultra-low-noise PLLatinumTM – Pin Mode, I2C Mode, EEPROM Mode clock generator with one fractional-N frequency – 71-Pin Selectable Pre-programmed Default synthesizer with integrated VCO, flexible clock Start-up Options distribution/fanout, and pin-selectable configuration states stored in on-chip EEPROM. The device can • Dual Inputs with Automatic or Manual Selection generate multiple clocks for various multi-gigabit – Crystal Input: 10 to 52 MHz serial interfaces and digital devices, thus reducing – External Input: 1 to 300 MHz BOM cost and board area and improving reliability by • Frequency Margining Options replacing multiple oscillators and clock distribution devices. The ultra-low jitter reduces bit-error rate – Fine frequency Margining Using Low-Cost (BER) in high-speed serial links. Pullable Crystal Reference – Glitchless Coarse Frequency Margining (%) Device Information(1) Using Output Dividers PART NUMBER PACKAGE BODY SIZE (NOM) • Other Features LMK03318 WQFN (48) 7.00 mm × 7.00 mm – Supply: 3.3 V Core, 1.8 V, 2.5 V, or 3.3 V (1) For all available packages, see the orderable addendum at Output Supply the end of the data sheet. LMK03318 Simplified Block Diagram 1 An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. |
Similar Part No. - LMK03318RHST |
|
Similar Description - LMK03318RHST |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |