Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK03318RHSR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMK03318RHSR
Description  Ultra-Low-Noise Jitter Clock Generator Family
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK03318RHSR Datasheet(HTML) 1 Page - Texas Instruments

  LMK03318RHSR Datasheet HTML 1Page - Texas Instruments LMK03318RHSR Datasheet HTML 2Page - Texas Instruments LMK03318RHSR Datasheet HTML 3Page - Texas Instruments LMK03318RHSR Datasheet HTML 4Page - Texas Instruments LMK03318RHSR Datasheet HTML 5Page - Texas Instruments LMK03318RHSR Datasheet HTML 6Page - Texas Instruments LMK03318RHSR Datasheet HTML 7Page - Texas Instruments LMK03318RHSR Datasheet HTML 8Page - Texas Instruments LMK03318RHSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 136 page
background image
LMK03318
Ultra-high performance clock generator
PLL
Output
Dividers
Output
Buffers
8
8
2
Power
Conditioning
Interface
I
2C/ROM/
EEPROM
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMK03318
SNAS669A – SEPTEMBER 2015 – REVISED DECEMBER 2015
LMK03318 Ultra-Low-Noise Jitter Clock Generator Family with One PLL, Eight Outputs,
Integrated EEPROM
1 Features
Industrial Temperature Range (–40ºC to 85ºC)
1
Ultra-Low Noise, High Performance
2 Applications
Jitter: 100-fs RMS Typical, FOUT > 100 MHz
Switches and Routers
PSRR: –70 dBc, Robust Supply Noise
Network and Telecom Line Cards
Immunity
Servers and Storage Systems
Flexible Device Options
Wireless Base Station
Up to 8 AC-LVPECL, AC-LVDS, AC-CML,
HCSL or LVCMOS Outputs or Any
3 Description
Combination
The LMK03318 is an ultra-low-noise PLLatinumTM
Pin Mode, I2C Mode, EEPROM Mode
clock generator with one fractional-N frequency
71-Pin Selectable Pre-programmed Default
synthesizer
with
integrated
VCO,
flexible
clock
Start-up Options
distribution/fanout, and pin-selectable configuration
states stored in on-chip EEPROM. The device can
Dual Inputs with Automatic or Manual Selection
generate multiple clocks for various multi-gigabit
Crystal Input: 10 to 52 MHz
serial interfaces and digital devices, thus reducing
External Input: 1 to 300 MHz
BOM cost and board area and improving reliability by
Frequency Margining Options
replacing multiple oscillators and clock distribution
devices. The ultra-low jitter reduces bit-error rate
Fine frequency Margining Using Low-Cost
(BER) in high-speed serial links.
Pullable Crystal Reference
Glitchless Coarse Frequency Margining (%)
Device Information(1)
Using Output Dividers
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Other Features
LMK03318
WQFN (48)
7.00 mm × 7.00 mm
Supply: 3.3 V Core, 1.8 V, 2.5 V, or 3.3 V
(1) For all available packages, see the orderable addendum at
Output Supply
the end of the data sheet.
LMK03318 Simplified Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMK03318RHSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
LMK03328EVM TI-LMK03328EVM Datasheet
6Mb / 56P
[Old version datasheet]   LMK03328EVM User?셲 Guide
LMK03328RHSR TI1-LMK03328RHSR Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
LMK03328RHST TI1-LMK03328RHST Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
More results

Similar Description - LMK03318RHSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
logo
Pericom Semiconductor C...
PI6CXG06F62A PERICOM-PI6CXG06F62A Datasheet
580Kb / 2P
   FlexOut Ultra Low Jitter Clock Generator
logo
Integrated Device Techn...
8V41NS0412 IDT-8V41NS0412 Datasheet
1Mb / 51P
   NG Ultra Low Jitter HCSL Clock Generator
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
logo
ON Semiconductor
P1P8160A ONSEMI-P1P8160A Datasheet
129Kb / 6P
   Low Jitter Clock Generator
October, 2010 ??Rev. 2
logo
Texas Instruments
LMK04906 TI1-LMK04906_15 Datasheet
1Mb / 113P
[Old version datasheet]   Ultra Low Noise Clock Jitter Cleaner/Multiplier
LMK04000 TI1-LMK04000_14 Datasheet
1Mb / 66P
[Old version datasheet]   Family Low-Noise Clock Jitter Cleaner with Cascaded PLLs
LMK04821 TI1-LMK04821 Datasheet
2Mb / 113P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner
LMK04828-EP TI1-LMK04828-EP Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com