Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRCW060310K0FKEA Datasheet(PDF) 9 Page - Advanced Monolithic Systems Ltd

Part # CRCW060310K0FKEA
Description  Micropower 700mA Low Noise Fast Transient Response LDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

CRCW060310K0FKEA Datasheet(HTML) 9 Page - Advanced Monolithic Systems Ltd

Back Button CRCW060310K0FKEA Datasheet HTML 2Page - Advanced Monolithic Systems Ltd CRCW060310K0FKEA Datasheet HTML 3Page - Advanced Monolithic Systems Ltd CRCW060310K0FKEA Datasheet HTML 4Page - Advanced Monolithic Systems Ltd CRCW060310K0FKEA Datasheet HTML 5Page - Advanced Monolithic Systems Ltd CRCW060310K0FKEA Datasheet HTML 6Page - Advanced Monolithic Systems Ltd CRCW060310K0FKEA Datasheet HTML 7Page - Advanced Monolithic Systems Ltd CRCW060310K0FKEA Datasheet HTML 8Page - Advanced Monolithic Systems Ltd CRCW060310K0FKEA Datasheet HTML 9Page - Advanced Monolithic Systems Ltd CRCW060310K0FKEA Datasheet HTML 10Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AMS3109
Micropower 700mA Low Noise Fast Transient Response LDO
02/11/2010
www.advanced-monolithic.com
Phone (925) 443-0722
9
Fax (925) 443-0723
Figure 2: AMS3109 Evaluation Board
Top Side
Figure 3: AMS3109 Evaluation Board
Bottom Side
Figure 4: AMS3109 Evaluation Board Schematic
Table 2: AMS3109 Evaluation Board Bill of Materials
Component Value
Manufacturer
Manufacturer Part Number
C1
10µF, 50V, X5R, 1210, Ceramic
Taiyo Yuden
UMK325BJ106KM-T
C2
22µF, 10V, X5R, 0805, Ceramic
Taiyo Yuden
LMK212BJ226MG-T
C3
Optional Feedforward
C4
10nF, 50V,20%,X7R,0603
Murata
GRM188R71H103MA01
R1
1.2V
10.0kΩ, 0.1W, 0603 1%
Various
CRCW0603xxKxFKEA
1.8V
20.0kΩ, 0.1W, 0603 1%
Various
CRCW0603xxKxFKEA
2.5V
31.6kΩ, 0.1W, 0603 1%
Various
CRCW0603xxKxFKEA
3.3V
45.3kΩ, 0.1W, 0603 1%
Various
CRCW0603xxKxFKEA
5.0V
73.2kΩ, 0.1W, 0603 1%
Various
CRCW0603xxKxFKEA
R2
10.0kΩ, 0.1W, 0603 1%
Various
CRCW060310K0FKEA
U1
Linear Regulator
AMS
AMS3109 SOIC-8 EDP
Vin
Vout
C1
10uF
R2
10.0k
R1
gnd
gnd
C2
22uF
1
2
Enable
C3
n/a
C4
10nF
EN
8
VIN
4
GND
3
NC
2
BYP
1
ADJ
6
NC
7
VOUT
5
U1
AMS3109


Similar Part No. - CRCW060310K0FKEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW060310K0FKEA VISHAY-CRCW060310K0FKEA Datasheet
648Kb / 26P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. C, 19-Mar-12
CRCW060310K0FKEA VISHAY-CRCW060310K0FKEA Datasheet
715Kb / 19P
   5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
Rev. B, 20-Feb-12
logo
International Rectifier
CRCW060310K0FKEA IRF-CRCW060310K0FKEA Datasheet
1Mb / 21P
   8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
CRCW060310K0FKEA IRF-CRCW060310K0FKEA Datasheet
1Mb / 21P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
logo
Advanced Monolithic Sys...
CRCW060310K0FKEA AMS-CRCW060310K0FKEA Datasheet
409Kb / 9P
   2A Fast Transient Linear Regulator
More results

Similar Description - CRCW060310K0FKEA

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3108 AMS-AMS3108 Datasheet
490Kb / 10P
   Micropower 700mA Low Noise Fast Transient Response LDO
logo
Linear Technology
LT1764A LINER-LT1764A_15 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A_1208 LINER-LT1963A_1208 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963EFE-3.3 LINEAR-LT1963EFE-3.3 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1764 LINER-LT1764_1 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963AES8 LINER-LT1963AES8 Datasheet
278Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1764AEQ-25 LINER-LT1764AEQ-25 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com