Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS385-2.5BN Datasheet(PDF) 4 Page - Advanced Monolithic Systems Ltd

Part # AMS385-2.5BN
Description  MICROPOWER VOLTAGE REFERENCE DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS385-2.5BN Datasheet(HTML) 4 Page - Advanced Monolithic Systems Ltd

  AMS385-2.5BN Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS385-2.5BN Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS385-2.5BN Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS385-2.5BN Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS385-2.5BN Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS385-2.5BN Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS385-2.5BN Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS385-2.5BN Datasheet HTML 8Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AMS285-2.5/AMS385-2.5
TYPICAL APPLICATIONS (Continued)
0
°C - 100°C Thermometer
0
°C - 100°C Thermometer
AMS385-2.5
1k
R1
8k
R2
1k
R3
100
R4
220
3V
R
V-
V+
LM334
M
0-100
µA
I
OUT
Calibration
1. Short AMS385-2.5, adjust R3 for IOUT = temp at 1µA/°K
2. Remove short, adjust R2 for correct reading in
°C
AMS385-2.5
150
R1
4k
R2
1k
R3
50
R4
100
3V
R
V-
V+
LM334
M
0-50
µA
I
OUT
Calibration
1. Short AMS385-2.5, adjust R3 for IOUT = temp at 1.8µA/°K
2. Remove short, adjust R2 for correct reading in
°F
Micropower* 5V Regulator
Micropower* 10V Reference
150pF
AMS385-2.5
100k
10M
2.2k
7
4
6
2
3
-
+
V
IN ≥ 5.2V
I
Q
V
O = 5V
I
L ≤ 100mA
LM4250C
8
R
V-
V+
LM334
2k
100k
47k
2N2905
1N457
1N457
+
4.7
µF
TANTALUM
*IQ ≅ 40µA
150pF
AMS385-2.5
1.5M
500k
22M
500k
7
4
6
3
2
-
+
V
IN = 15V
I
Q
10V
LM4250C
8
*IQ ≅ 20µA standby current
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723


Similar Part No. - AMS385-2.5BN

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS385-2.5BN ADMOS-AMS385-2.5BN Datasheet
172Kb / 8P
   Battery Powered Systems
More results

Similar Description - AMS385-2.5BN

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
   Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
   Micropower Voltage Reference Diode
logo
Texas Instruments
LM185-1.2QML TI1-LM185-1.2QML_14 Datasheet
541Kb / 18P
[Old version datasheet]   Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-1.2 ADMOS-AMS285-1.2 Datasheet
96Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
   Micropower Voltage Reference Diode
logo
Analog Microelectronics
AME385-2.5 AME-AME385-2.5 Datasheet
105Kb / 12P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Microelectronics
AME385-12 AME-AME385-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
AME385-25 AME-AME385-25 Datasheet
52Kb / 8P
   Micropower Voltage Reference Diode
AME41-12 AME-AME41-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com