Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR108W Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BCR108W
Description  NPN Silicon Digital Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR108W Datasheet(HTML) 5 Page - Infineon Technologies AG

  BCR108W Datasheet HTML 1Page - Infineon Technologies AG BCR108W Datasheet HTML 2Page - Infineon Technologies AG BCR108W Datasheet HTML 3Page - Infineon Technologies AG BCR108W Datasheet HTML 4Page - Infineon Technologies AG BCR108W Datasheet HTML 5Page - Infineon Technologies AG BCR108W Datasheet HTML 6Page - Infineon Technologies AG BCR108W Datasheet HTML 7Page - Infineon Technologies AG BCR108W Datasheet HTML 8Page - Infineon Technologies AG BCR108W Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Jun-14-2004
5
BCR108.../SEMH10
Total power dissipation Ptot = ƒ(TS)
BCR108
0
20
40
60
80
100
120 °C
150
TS
0
50
100
150
200
mW
300
Total power dissipation Ptot = ƒ(TS)
BCR108F
0
20
40
60
80
100
120 °C
150
TS
0
50
100
150
200
mW
300
Total power dissipation Ptot = ƒ(TS)
BCR108L3
0
20
40
60
80
100
120 °C
150
TS
0
50
100
150
200
mW
300
Total power dissipation Ptot = ƒ(TS)
BCR108S
0
20
40
60
80
100
120 °C
150
TS
0
50
100
150
200
mW
300


Similar Part No. - BCR108W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCR108W SIEMENS-BCR108W Datasheet
34Kb / 4P
   NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
logo
Infineon Technologies A...
BCR108W INFINEON-BCR108W Datasheet
216Kb / 9P
   NPN Silicon Digital Transistor
Aug-29-2003
BCR108W INFINEON-BCR108W Datasheet
211Kb / 12P
   NPN Silicon Digital Transistor
2007-07-24
BCR108W INFINEON-BCR108W Datasheet
211Kb / 12P
   NPN Silicon Digital Transistor
2007-07-24
BCR108W INFINEON-BCR108W Datasheet
873Kb / 11P
   NPN Silicon Digital Transistor
2011-08-19
More results

Similar Description - BCR108W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR135 INFINEON-BCR135 Datasheet
490Kb / 10P
   NPN Silicon Digital Transistor
May-17-2004
BCR503 INFINEON-BCR503 Datasheet
43Kb / 4P
   NPN Silicon Digital Transistor
Jun-29-2001
BCR523 INFINEON-BCR523 Datasheet
114Kb / 4P
   NPN Silicon Digital Transistor
Dec-13-2001
BCR108TE6327 INFINEON-BCR108TE6327 Datasheet
216Kb / 9P
   NPN Silicon Digital Transistor
Aug-29-2003
BCR133 INFINEON-BCR133 Datasheet
490Kb / 10P
   NPN Silicon Digital Transistor
Jun-14-2004
logo
Chenmko Enterprise Co. ...
CHUMG8PT CHENMKO-CHUMG8PT Datasheet
135Kb / 3P
   NPN Digital Silicon Transistor
CHDTC144TKPT CHENMKO-CHDTC144TKPT Datasheet
75Kb / 3P
   NPN Digital Silicon Transistor
CHDTC144TMPT CHENMKO-CHDTC144TMPT Datasheet
90Kb / 3P
   NPN Digital Silicon Transistor
CHDTC144WKPT CHENMKO-CHDTC144WKPT Datasheet
100Kb / 3P
   NPN Digital Silicon Transistor
CHDTC363EKPT CHENMKO-CHDTC363EKPT Datasheet
134Kb / 3P
   NPN Digital Silicon Transistor
CHDTC614TKPT CHENMKO-CHDTC614TKPT Datasheet
75Kb / 3P
   NPN Digital Silicon Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com