Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI599 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SI599
Description  Programmable with 28 parts per trillion frequency resolution
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI599 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI599 Datasheet HTML 6Page - Silicon Laboratories SI599 Datasheet HTML 7Page - Silicon Laboratories SI599 Datasheet HTML 8Page - Silicon Laboratories SI599 Datasheet HTML 9Page - Silicon Laboratories SI599 Datasheet HTML 10Page - Silicon Laboratories SI599 Datasheet HTML 11Page - Silicon Laboratories SI599 Datasheet HTML 12Page - Silicon Laboratories SI599 Datasheet HTML 13Page - Silicon Laboratories SI599 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Si598/Si599
10
Rev. 1.0
Table 11. Environmental Compliance
The Si598/599 meets the following qualification test requirements.
Parameter
Conditions/Test Method
Mechanical Shock
MIL-STD-883, Method 2002
Mechanical Vibration
MIL-STD-883, Method 2007
Solderability
MIL-STD-883, Method 2003
Gross & Fine Leak
MIL-STD-883, Method 1014
Resistance to Solder Heat
MIL-STD-883, Method 2036
Moisture Sensitivity Level
J-STD-020, MSL1
Contact Pads
Gold over Nickel
Table 12. Programming Constraints and Timing
(Typical values TA = 25 ºC, VDD = 3.3 V, min/max limits VDD = 1.8 ±5%, 2.5 or 3.3 V ±10%, TA = –40 to 85 ºC unless
otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output Frequency Range
CKOF
10
810
MHz
Frequency Reprogramming
Resolution
MRES
—28—
ppt
Internal Oscillator Frequency
fOSC
4850
5670
MHz
Internal Crystal Frequency
Accuracy
fXTAL
Maximum variation is
±2000 ppm
39.17
MHz
Delta Frequency for
Continuous Output
From center frequency
–3500
+3500
ppm
Unfreeze to NewFreq
Timeout*
10
ms
Settling Time for Small
Frequency Change
<±3500 ppm from
center frequency
——
100
µs
Settling Time for Large
Frequency Change
>±3500 ppm from
center frequency after
setting NewFreq bit
——
10
ms
*Note:
Applies when using large frequency change procedure outlined in section “3.1.2.Reconfiguring the Output Clock for
Large Changes in Output Frequency”.


Similar Part No. - SI599

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI599 SILABS-SI599 Datasheet
1Mb / 44P
   ANSI C REFERENCE DESIGN WITH OPTIONAL NON-VOLATILE OUTPUT FREQUENCY
logo
Skyworks Solutions Inc.
SI599 SKYWORKS-SI599 Datasheet
603Kb / 27P
   10–810 MHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.1
logo
Vishay Siliconix
SI5997DU VISHAY-SI5997DU Datasheet
164Kb / 9P
   Dual P-Channel 30 V (D-S) MOSFET
Rev. A, 29-Nov-10
SI5997DU VISHAY-SI5997DU Datasheet
165Kb / 9P
   Dual P-Channel 30 V (D-S) MOSFET
08-Feb-17
SI5997DU VISHAY-SI5997DU_V01 Datasheet
165Kb / 9P
   Dual P-Channel 30 V (D-S) MOSFET
08-Feb-17
More results

Similar Description - SI599

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
060-500-0859S WINCHESTER-060-500-0859S Datasheet
61Kb / 1P
   ALL METAL PARTS: BRASS PER ASTM B16 INSULATOR: TEFLON PER ASTM D1710
logo
Eutech Microelectronics...
EUP3286 EUTECH-EUP3286 Datasheet
95Kb / 1P
   Converter with Programmable Frequency
logo
GREATECS
IS15DBFP4RGB GREATECS-IS15DBFP4RGB Datasheet
2Mb / 7P
   Programmable High Resolution LCD Switches
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20 Datasheet
396Kb / 20P
   Programmable Resolution 1-Wire Digital Thermometer
Rev 6; 7/19
logo
Dallas Semiconductor
DS18B20 DALLAS-DS18B20_08 Datasheet
183Kb / 22P
   Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20_V01 Datasheet
322Kb / 22P
   Programmable Resolution 1-Wire Digital Thermometer
2008
logo
Dallas Semiconductor
DS18B20 DALLAS-DS18B20 Datasheet
391Kb / 27P
   Programmable Resolution 1-Wire Digital Thermometer
DS18B20 DALLAS-DS18B20_07 Datasheet
223Kb / 21P
   Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS1825 MAXIM-DS1825 Datasheet
286Kb / 21P
   Programmable Resolution 1-Wire Digital Thermometer With 4-Bit ID
Rev 020105
logo
Integrated Device Techn...
5P49V5907 IDT-5P49V5907 Datasheet
430Kb / 30P
   Programmable frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com