Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI598 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI598
Description  Programmable with 28 parts per trillion frequency resolution
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI598 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI598 Datasheet HTML 5Page - Silicon Laboratories SI598 Datasheet HTML 6Page - Silicon Laboratories SI598 Datasheet HTML 7Page - Silicon Laboratories SI598 Datasheet HTML 8Page - Silicon Laboratories SI598 Datasheet HTML 9Page - Silicon Laboratories SI598 Datasheet HTML 10Page - Silicon Laboratories SI598 Datasheet HTML 11Page - Silicon Laboratories SI598 Datasheet HTML 12Page - Silicon Laboratories SI598 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Si598/Si599
Rev. 1.0
9
Table 7. CLK± Output Period Jitter
(Typical values TA = 25 ºC, VDD = 3.3 V unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Period Jitter*
JPER
RMS
3
ps
Peak-to-Peak
35
ps
*Note:
Any output mode, including CMOS, LVPECL, LVDS, CML. N = 1000 cycles.
Table 8. CLK± Output Phase Noise (Typical, Si599)
(Typical values TA = 25 ºC, VDD =3.3 V)
Offset Frequency
74.25 MHz
185 ppm/V
LVPECL
148.5 MHz
185 ppm/V
LVPECL
155.52 MHz
95 ppm/V
LVPECL
Units
100 Hz
1kHz
10 kHz
100 kHz
1MHz
10 MHz
20 MHz
–77
–101
–121
–134
–149
–151
–150
–68
–95
–116
–128
–144
–147
–148
–77
–101
–119
–127
–144
–147
–148
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
Table 9. Power Supply Noise Rejection
(Typical values TA = 25 ºC, VDD =3.3 V)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
RMS Additive Jitter due to Power Supply Noise*
φPSRR
100 kHz
0.32
ps
300 kHz
0.36
ps
700 kHz
0.36
ps
1MHz
0.32
ps
*Note:
Measured with 100 mVp-p sinusoid applied to power supply pin. VDD = 3.3 V, LVPECL.
Table 10. Spurious Performance
(Typical values TA = 25 ºC, VDD =3.3 V)
Parameter
Symbol
Test Condition
Min
Typ
Max Units
Spurious Free Dynamic Range
SFDR
LVPECL, LVDS, CML1
—75
dB
LVPECL, LVDS, CML2
—64
dB
CMOS1
—77
dB
Notes:
1.
10 to 160 MHz.
2.
10 to 810 MHz.


Similar Part No. - SI598

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI598 SILABS-SI598 Datasheet
1Mb / 44P
   ANSI C REFERENCE DESIGN WITH OPTIONAL NON-VOLATILE OUTPUT FREQUENCY
logo
Skyworks Solutions Inc.
SI598 SKYWORKS-SI598 Datasheet
603Kb / 27P
   10–810 MHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.1
logo
Vishay Siliconix
SI5980DU VISHAY-SI5980DU Datasheet
118Kb / 7P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. A, 11-Jan-10
SI5980DU VISHAY-SI5980DU Datasheet
118Kb / 7P
   Dual N-Channel 100-V (D-S) MOSFET
18-Jul-08
SI5980DU VISHAY-SI5980DU_V01 Datasheet
118Kb / 7P
   Dual N-Channel 100-V (D-S) MOSFET
18-Jul-08
More results

Similar Description - SI598

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
060-500-0859S WINCHESTER-060-500-0859S Datasheet
61Kb / 1P
   ALL METAL PARTS: BRASS PER ASTM B16 INSULATOR: TEFLON PER ASTM D1710
logo
Eutech Microelectronics...
EUP3286 EUTECH-EUP3286 Datasheet
95Kb / 1P
   Converter with Programmable Frequency
logo
GREATECS
IS15DBFP4RGB GREATECS-IS15DBFP4RGB Datasheet
2Mb / 7P
   Programmable High Resolution LCD Switches
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20 Datasheet
396Kb / 20P
   Programmable Resolution 1-Wire Digital Thermometer
Rev 6; 7/19
logo
Dallas Semiconductor
DS18B20 DALLAS-DS18B20_08 Datasheet
183Kb / 22P
   Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20_V01 Datasheet
322Kb / 22P
   Programmable Resolution 1-Wire Digital Thermometer
2008
logo
Dallas Semiconductor
DS18B20 DALLAS-DS18B20 Datasheet
391Kb / 27P
   Programmable Resolution 1-Wire Digital Thermometer
DS18B20 DALLAS-DS18B20_07 Datasheet
223Kb / 21P
   Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS1825 MAXIM-DS1825 Datasheet
286Kb / 21P
   Programmable Resolution 1-Wire Digital Thermometer With 4-Bit ID
Rev 020105
logo
Integrated Device Techn...
5P49V5907 IDT-5P49V5907 Datasheet
430Kb / 30P
   Programmable frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com