Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV2733 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV2733
Description  16-Channel, Low Harmonic Distortion, High Voltage Analog Switch with Bleed Resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV2733 Datasheet(HTML) 3 Page - Supertex, Inc

  HV2733 Datasheet HTML 1Page - Supertex, Inc HV2733 Datasheet HTML 2Page - Supertex, Inc HV2733 Datasheet HTML 3Page - Supertex, Inc HV2733 Datasheet HTML 4Page - Supertex, Inc HV2733 Datasheet HTML 5Page - Supertex, Inc HV2733 Datasheet HTML 6Page - Supertex, Inc HV2733 Datasheet HTML 7Page - Supertex, Inc HV2733 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
HV2733
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Sym
Parameter
0°C
+25°C
+70°C
Units
Conditions
Min Max Min
Typ Max Min
Max
R
ONS
Small signal switch
ON-resistance
-
30
-
26
38
-
48
I
SIG = 5.0mA
V
PP = +40V
V
NN = -160V
-
25
-
22
27
-
32
I
SIG = 200mA
-
25
-
22
27
-
30
I
SIG = 5.0mA
V
PP = +100V
V
NN = -100V
-
18
-
18
24
-
27
I
SIG = 200mA
-
23
-
20
25
-
30
I
SIG = 5.0mA
V
PP = +160V
V
NN = -40V
-
22
-
16
25
-
27
I
SIG = 200mA
∆R
ONS
Small signal switch
ON-resistance matching
-
20
-
5.0
20
-
20
%
I
SIG = 5.0mA, VPP = +100V,
V
NN = -100V
R
ONL
Large signal switch
ON-resistance
-
-
-
15
-
-
-
V
SIG= VPP -10V, ISIG = 1.0A
R
INT
Value of output bleed resistor
-
-
35
50
65
-
-
KΩ
Output Switch to RGND
I
RINT = 0.5mA
I
SOL
Switch off leakage per switch
-
5.0
-
1.0
10
-
15
µA
V
SIG = VPP -10V and VNN +10V
V
OS
DC offset switch off
-
50
-
-
50
-
50
mV
No Load, RGND = 0V
DC offset switch on
-
50
-
-
50
-
50
mV
I
PPQ
Quiescent V
PP supply current
-
-
-
10
50
-
-
µA
All switches off
I
NNQ
Quiescent V
NN supply current
-
-
-
-10
-50
-
-
µA
All switches off
I
PPQ
Quiescent V
PP supply current
-
-
-
10
50
-
-
µA
All switches on, I
SW = 5.0mA
I
NNQ
Quiescent V
NN supply current
-
-
-
-10
-50
-
-
µA
All switches on, I
SW = 5.0mA
I
SW
Switch output peak current
-
2.0
-
-
2.0
-
2.0
A
V
SIG duty cycle < 0.1%
pulse width ≤1.0µs
f
SW
Output switching frequency
-
-
-
-
50
-
-
kHz
Duty cycle = 50%
I
PP
Average V
PP supply current
-
5.2
-
-
5.6
-
6.4
mA
V
PP = +40V
V
NN = -160V
All output
switches are
turning on
and off at
50kHz with
no load.
V
PP = +100V
V
NN = -100V
-
3.2
-
-
4.5
-
4.5
V
PP = +160V
V
NN = -40V
-
3.2
-
-
4.0
-
4.5
I
NN
Average V
NN supply current
-
5.2
-
-
5.6
-
6.4
mA
V
PP = +40V
V
NN = -160V
All output
switches are
turning on
and off at
50kHz with
no load.
V
PP = +100V
V
NN = -100V
-
3.2
-
-
4.0
-
4.5
V
PP = +160V
V
NN= -40V
-
3.2
-
-
4.0
-
4.5
I
DD
Average V
DD supply current
-
2.0
-
-
2.0
-
2.0
mA
f
CLK = 5.0MHz, VDD = 5.0V
I
DDQ
Quiescent V
DD supply current
-
10
-
-
10
-
10
µA
All logic inputs are static
I
SOR
Data out source current
0.45
-
0.45 0.70
-
0.40
-
mA
V
OUT = VDD - 0.7V
I
SINK
Data out sink current
0.45
-
0.45 0.70
-
0.40
-
mA
V
OUT = 0.7V
C
IN
Logic input capacitance
-
10
-
-
10
-
10
pF
---
DC Electrical Characteristics
(over recommended operating conditions unless otherwise noted)


Similar Part No. - HV2733

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2731 SUTEX-HV2731 Datasheet
663Kb / 7P
   16-Channel (2 Banks of 8-Channels), High Voltage, Analog Switch With Bleed Resistors
HV2731 SUTEX-HV2731 Datasheet
520Kb / 7P
   16-Channel (2 Banks of 8-Channels), High Voltage, Analog Switch With Bleed Resistors
HV2731FG-G SUTEX-HV2731FG-G Datasheet
663Kb / 7P
   16-Channel (2 Banks of 8-Channels), High Voltage, Analog Switch With Bleed Resistors
HV2731FG-G SUTEX-HV2731FG-G Datasheet
520Kb / 7P
   16-Channel (2 Banks of 8-Channels), High Voltage, Analog Switch With Bleed Resistors
HV2731 SUTEX-HV2731_09 Datasheet
520Kb / 7P
   16-Channel (2 Banks of 8-Channels), High Voltage, Analog Switch With Bleed Resistors
More results

Similar Description - HV2733

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2705 SUTEX-HV2705 Datasheet
943Kb / 8P
   Low Harmonic Distortion, 16-Channel, High Voltage, Analog Switches with Bleed Resistors
HV238 SUTEX-HV238 Datasheet
333Kb / 6P
   16 Channel High Voltage Analog Switch With Bleed Resistors
HV2605 SUTEX-HV2605 Datasheet
881Kb / 8P
   Low Harmonic Distortion 16-Channel High Voltage Analog Switch
HV238 SUTEX-HV238_13 Datasheet
734Kb / 7P
   16-Channel High Voltage Analog Switch With Bleed Resistors
logo
IXYS Corporation
CPC7701 IXYS-CPC7701 Datasheet
956Kb / 11P
   16-Channel High Voltage Analog Switch with Integrated Bleed Resistors
logo
Monolithic Power System...
MP4816A MPS-MP4816A Datasheet
125Kb / 2P
   16-Channel High Voltage Analog Switch With Output Bleed Resistors
logo
Supertex, Inc
HV2701 SUTEX-HV2701_07 Datasheet
714Kb / 8P
   Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
HV2701 SUTEX-HV2701 Datasheet
509Kb / 7P
   Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
logo
Microchip Technology
HV2605 MICROCHIP-HV2605 Datasheet
474Kb / 30P
   16-Channel Low Harmonic Distortion High-Voltage Analog Switches
Revision C (May 2022)
logo
Monolithic Power System...
MP4832A MPS-MP4832A Datasheet
132Kb / 2P
   32-Channel High Voltage Analog Switch With Output Bleed Resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com