Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI515 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI515
Description  VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI515 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI515 Datasheet HTML 5Page - Silicon Laboratories SI515 Datasheet HTML 6Page - Silicon Laboratories SI515 Datasheet HTML 7Page - Silicon Laboratories SI515 Datasheet HTML 8Page - Silicon Laboratories SI515 Datasheet HTML 9Page - Silicon Laboratories SI515 Datasheet HTML 10Page - Silicon Laboratories SI515 Datasheet HTML 11Page - Silicon Laboratories SI515 Datasheet HTML 12Page - Silicon Laboratories SI515 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Si515
Rev. 1.0
9
Table 7. Output Clock Jitter and Phase Noise (HCSL)
VDD = 1.8 V ±5%, 2.5 or 3.3 V ±10%, TA = –40 to +85 oC; Output Format = HCSL
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Period Jitter
(RMS)
JPRMS
10k samples*
——
1.2
ps
Period Jitter
(Pk-Pk)
JPPKPK
10k samples*
——
11
ps
Phase Jitter
(RMS)
φJ
1.875 MHz to 20 MHz integration
bandwidth*(brickwall)
—0.25
0.30
ps
12 kHz to 20 MHz integration band-
width* (brickwall)
—0.8
1.0
ps
Phase Noise,
156.25 MHz
φN100 Hz
–75
dBc/Hz
1kHz
–98
dBc/Hz
10 kHz
–117
dBc/Hz
100 kHz
–127
dBc/Hz
1 MHz
–136
dBc/Hz
Spurious
SPR
LVPECL output, 156.25 MHz,
offset>10 kHz
—–75
dBc
*Note:
Applies to an output frequency of 100 MHz.


Similar Part No. - SI515

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI515 SKYWORKS-SI515 Datasheet
1Mb / 24P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 100 kHZ TO 250 MHZ
Rev. 1.2
More results

Similar Description - SI515

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
   Voltage Controlled Crystal Oscillator
logo
Epson ToYoCom
TCO-291J EPSONTOYOCOM-TCO-291J Datasheet
341Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
logo
Vectron International, ...
VXCO-5000-DAE-G VECTRON-VXCO-5000-DAE-G Datasheet
377Kb / 5P
   Voltage Controlled Crystal Oscillator
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VX-260 VECTRON-VX-260 Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VX-703 VECTRON-VX-703 Datasheet
470Kb / 6P
   Voltage Controlled Crystal Oscillator
VCXO-700-ECT-KX VECTRON-VCXO-700-ECT-KX Datasheet
311Kb / 6P
   Voltage Controlled Crystal Oscillator
VVC1 VECTRON-VVC1_09 Datasheet
170Kb / 6P
   Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVPD-920 CRYSTEKCRYSTAL-CVPD-920_15 Datasheet
121Kb / 1P
   Voltage Controlled Crystal Oscillator
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T_15 Datasheet
66Kb / 1P
   Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com