Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR103L3 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BCR103L3
Description  NPN Silicon Digital Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR103L3 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BCR103L3 Datasheet HTML 1Page - Infineon Technologies AG BCR103L3 Datasheet HTML 2Page - Infineon Technologies AG BCR103L3 Datasheet HTML 3Page - Infineon Technologies AG BCR103L3 Datasheet HTML 4Page - Infineon Technologies AG BCR103L3 Datasheet HTML 5Page - Infineon Technologies AG BCR103L3 Datasheet HTML 6Page - Infineon Technologies AG BCR103L3 Datasheet HTML 7Page - Infineon Technologies AG BCR103L3 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Aug-29-2003
1
BCR103...
NPN Silicon Digital Transistor
• Switching circuit, inverter, interface circuit,
driver circuit
• Built in bias resistor (R1=2.2kΩ, R2=2.2kΩ)
• For 6-PIN packages: two (galvanic) internal
isolated transistors with good matching
in one package
BCR103/F
BCR103L3/T
BCR103U
EHA07184
3
2
1
C
E
B
R1
R 2
EHA07174
6
54
3
2
1
C1
B2
E2
C2
B1
E1
1
R
R 2
R1
R 2
TR1
TR2
Type
Marking
Pin Configuration
Package
BCR103
BCR103F
BCR103L3
BCR103T
BCR103U
WAs
WAs
WA
WAs
WAs
1=B
1=B
1=B
1=B
1=E1
2=E
2=E
2=E
2=E
2=B1
3=C
3=C
3=C
3=C
3=C2
-
-
-
-
4=E2
-
-
-
-
5=B2
-
-
-
-
6=C1
SOT23
TSFP-3
TSLP-3-4
SC75
SC74


Similar Part No. - BCR103L3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR103L3 INFINEON-BCR103L3 Datasheet
507Kb / 10P
   NPN Silicon Digital Transistor
2005-06-21
More results

Similar Description - BCR103L3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR135 INFINEON-BCR135 Datasheet
490Kb / 10P
   NPN Silicon Digital Transistor
May-17-2004
BCR503 INFINEON-BCR503 Datasheet
43Kb / 4P
   NPN Silicon Digital Transistor
Jun-29-2001
BCR523 INFINEON-BCR523 Datasheet
114Kb / 4P
   NPN Silicon Digital Transistor
Dec-13-2001
BCR108TE6327 INFINEON-BCR108TE6327 Datasheet
216Kb / 9P
   NPN Silicon Digital Transistor
Aug-29-2003
BCR133 INFINEON-BCR133 Datasheet
490Kb / 10P
   NPN Silicon Digital Transistor
Jun-14-2004
logo
Chenmko Enterprise Co. ...
CHUMG8PT CHENMKO-CHUMG8PT Datasheet
135Kb / 3P
   NPN Digital Silicon Transistor
CHDTC144TKPT CHENMKO-CHDTC144TKPT Datasheet
75Kb / 3P
   NPN Digital Silicon Transistor
CHDTC144TMPT CHENMKO-CHDTC144TMPT Datasheet
90Kb / 3P
   NPN Digital Silicon Transistor
CHDTC144WKPT CHENMKO-CHDTC144WKPT Datasheet
100Kb / 3P
   NPN Digital Silicon Transistor
CHDTC363EKPT CHENMKO-CHDTC363EKPT Datasheet
134Kb / 3P
   NPN Digital Silicon Transistor
CHDTC614TKPT CHENMKO-CHDTC614TKPT Datasheet
75Kb / 3P
   NPN Digital Silicon Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com