Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K2500GURP Datasheet(PDF) 7 Page - Littelfuse

Part # K2500GURP
Description  Standard Unidirectional SIDACs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K2500GURP Datasheet(HTML) 7 Page - Littelfuse

  K2500GURP Datasheet HTML 1Page - Littelfuse K2500GURP Datasheet HTML 2Page - Littelfuse K2500GURP Datasheet HTML 3Page - Littelfuse K2500GURP Datasheet HTML 4Page - Littelfuse K2500GURP Datasheet HTML 5Page - Littelfuse K2500GURP Datasheet HTML 6Page - Littelfuse K2500GURP Datasheet HTML 7Page - Littelfuse K2500GURP Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Revised: 08/11/15
Specifications are subject to change without notice.
©2015 Littelfuse, Inc
Teccor® brand Thyristors
Standard Unidirectional SIDACs
Kxxx0yU SIDAC Series
7
Part Numbering System
Part Marking System
K xxx 0 S1 U RP
DEVICE TYPE
K: Sidac
MEDIAN VOLTAGE
CONSTRUCTION
VARIABLE
PACKAGING OPTION
RP: Tape and Reel
UNIDIRECTIONAL
PACKAGE TYPE
S1: DO-214AC package
0: Single chip SIDAC
082: 75V~ 90V
090: 79V~ 97V
105: 95V~110V
110: 104V~118V
120: 110V~125V
130: 120V~138V
140: 130V~146V
150: 142V~157V
200: 190V~210V
G: DO-15 package
220: 210V~230V
230: 220V~240V
240: 230V~250V
250: 240V~260V
K105
YMXXX
®
Date Code Marking
Y:Year Code
M: Month Code
XXX: Lot Trace Code
DO-214AC
DO-15
YMXXX
K105
K
A
K
A
A
K
Packing Options
Part Number
Marking
Weight
Package Mode
Packages
Base Quantity
Kxxx0S1URP
Kxxx
0.062g
Reel Pack
DO-214AC
5000
Kxxx0GURP
Kxxx
0.38g
Reel Pack
DO-15
5000
Product Selector
Part Number
Switching Voltage Range
Blocking Voltage
Packages
V
BO Minimum
V
BO Maximum
V
DRM
DO-15
DO-214
K0820yURP
75
90
70
K0820GURP
K0820S1URP
K0900yURP
79
97
70
K0900GURP
K0900S1URP
K1050yURP
95
110
90
K1050GURP
K1050S1URP
K1100yURP
104
118
90
K1100GURP
K1100S1URP
K1200yURP
110
125
100
K1200GURP
K1200S1URP
K1300yURP
120
138
110
K1300GURP
K1300S1URP
K1400yURP
130
146
115
K1400GURP
K1400S1URP
K1500yURP
142
157
120
K1500GURP
K1500S1URP
K2000yURP
190
210
170
K2000GURP
K2000S1URP
K2200yURP
210
230
190
K2200GURP
K2200S1URP
K2300yURP
220
240
200
K2300GURP
K2300S1URP
K2400yURP
230
250
210
K2400GURP
K2400S1URP
K2500yURP
240
260
220
K2500GURP
K2500S1URP


Similar Part No. - K2500GURP

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
K2500G TECCOR-K2500G Datasheet
269Kb / 6P
   silicon bilateral voltage triggered switch
K2500G TECCOR-K2500G Datasheet
2Mb / 224P
   Thyristor Product Catalog
logo
Littelfuse
K2500G LITTELFUSE-K2500G Datasheet
181Kb / 7P
   High-voltage lamp ignitors
logo
Galaxy Semi-Conductor H...
K2500G BILIN-K2500G Datasheet
322Kb / 5P
   SIDAC
logo
Shanghai Shunye Electro...
K2500G SY-K2500G Datasheet
502Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-280Volts
More results

Similar Description - K2500GURP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
KXXX1GL LITTELFUSE-KXXX1GL Datasheet
794Kb / 6P
   Standard Bidirectional SIDACs
K2200GRP LITTELFUSE-K2200GRP Datasheet
1Mb / 12P
   Standard Bidirectional SIDACs
K2000F23 LITTELFUSE-K2000F23 Datasheet
431Kb / 12P
   Standard Bidirectional SIDACs
K1050SRP LITTELFUSE-K1050SRP Datasheet
431Kb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
logo
EIC discrete Semiconduc...
G105 EIC-G105 Datasheet
26Kb / 1P
   SIDACs
logo
New Jersey Semi-Conduct...
G105 NJSEMI-G105 Datasheet
84Kb / 1P
   SIDACs
logo
Littelfuse
K3002G LITTELFUSE-K3002G Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
logo
EIC discrete Semiconduc...
G105C EIC-G105C Datasheet
114Kb / 1P
   SIDACs
logo
Littelfuse
K2201G LITTELFUSE-K2201G Datasheet
224Kb / 6P
   Teccor brand Thyristors Multipulse SIDACs
K2400GH LITTELFUSE-K2400GH Datasheet
247Kb / 10P
   High Energy Bidirectional SIDACs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com