Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K2200GURP Datasheet(PDF) 4 Page - Littelfuse

Part # K2200GURP
Description  Standard Unidirectional SIDACs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K2200GURP Datasheet(HTML) 4 Page - Littelfuse

  K2200GURP Datasheet HTML 1Page - Littelfuse K2200GURP Datasheet HTML 2Page - Littelfuse K2200GURP Datasheet HTML 3Page - Littelfuse K2200GURP Datasheet HTML 4Page - Littelfuse K2200GURP Datasheet HTML 5Page - Littelfuse K2200GURP Datasheet HTML 6Page - Littelfuse K2200GURP Datasheet HTML 7Page - Littelfuse K2200GURP Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Revised: 08/11/15
Specifications are subject to change without notice.
©2015 Littelfuse, Inc
Teccor® brand Thyristors
Standard Unidirectional SIDACs
Kxxx0yU SIDAC Series
4
Figure 10: Maximum Allowable Ambient Temperature
vs. RMS On-State Current
1
10
20
30
40
50
60
70
80
90
100110
120
130
Junction Temperature (T
J) -- °C
140
150
Figure 11: Normalized Repetitive Peak Breakover
Current (I
BO) vs. Junction Temperature
100-250 V ac
60 Hz
Scope
Push to test
S1
Switch to test
in each direction
100 Ω
1%
Device
Under
Test
S1
Scope Indication
Trace Stops
IH
IPK
Figure 12: Dynamic Holding Current Test Circuit for
SIDACs
Figure 13: Basic SIDAC Circuit
120-145
˚
Conduction
Angle
IH
VBO
Load
100-250 Vac
60 Hz
IH
VBO
VDC(IN) ≥ VB0
VC
IL
RL
R
SIDAC
(a) Circuit
Rmax≤
VIN - VBO
IBO
Rmin≥
VIN - VTM
IH (MIN)
(b) Waveforms
VBO
VC
IL
t
t
C
Figure 14: Relaxation Oscillator Using a SIDAC
RMS On-State Current [I
T(RMS)] - Amps
20
40
60
80
100
120
140
160
00.2
0.40.6
0.81
K0820S1U~
K2000S1U
K2200GU~
K2500GU
K2200S1U~
K2500S1U
K0820GU~
K2000GU
CURRENT WAVEFORM: Sinusoidal - 60Hz
LOAD: Resistive or Inductive
FREE AIR RATING
Figure 9: Maximum Allowable Case Temperature
vs. RMS On-State Current
RMS On-State Current [I
T(RMS)] - Amps
80
90
100
110
120
130
140
150
160
00.2
0.40.6
0.8
1
1.2
K2200GU~
K2500GU
K2200S1U~
K2500S1U
K0820GU~
K2000GU
K0820S1U~
K2000S1U


Similar Part No. - K2200GURP

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
K2200G TECCOR-K2200G Datasheet
269Kb / 6P
   silicon bilateral voltage triggered switch
K2200G TECCOR-K2200G Datasheet
2Mb / 224P
   Thyristor Product Catalog
logo
Littelfuse
K2200G LITTELFUSE-K2200G Datasheet
181Kb / 7P
   High-voltage lamp ignitors
logo
Galaxy Semi-Conductor H...
K2200G BILIN-K2200G Datasheet
322Kb / 5P
   SIDAC
logo
Shanghai Shunye Electro...
K2200G SY-K2200G Datasheet
502Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-280Volts
More results

Similar Description - K2200GURP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
KXXX1GL LITTELFUSE-KXXX1GL Datasheet
794Kb / 6P
   Standard Bidirectional SIDACs
K2200GRP LITTELFUSE-K2200GRP Datasheet
1Mb / 12P
   Standard Bidirectional SIDACs
K2000F23 LITTELFUSE-K2000F23 Datasheet
431Kb / 12P
   Standard Bidirectional SIDACs
K1050SRP LITTELFUSE-K1050SRP Datasheet
431Kb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
logo
EIC discrete Semiconduc...
G105 EIC-G105 Datasheet
26Kb / 1P
   SIDACs
logo
New Jersey Semi-Conduct...
G105 NJSEMI-G105 Datasheet
84Kb / 1P
   SIDACs
logo
Littelfuse
K3002G LITTELFUSE-K3002G Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
logo
EIC discrete Semiconduc...
G105C EIC-G105C Datasheet
114Kb / 1P
   SIDACs
logo
Littelfuse
K2201G LITTELFUSE-K2201G Datasheet
224Kb / 6P
   Teccor brand Thyristors Multipulse SIDACs
K2400GH LITTELFUSE-K2400GH Datasheet
247Kb / 10P
   High Energy Bidirectional SIDACs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com