Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K2000S1URP Datasheet(PDF) 6 Page - Littelfuse

Part # K2000S1URP
Description  Standard Unidirectional SIDACs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K2000S1URP Datasheet(HTML) 6 Page - Littelfuse

  K2000S1URP Datasheet HTML 1Page - Littelfuse K2000S1URP Datasheet HTML 2Page - Littelfuse K2000S1URP Datasheet HTML 3Page - Littelfuse K2000S1URP Datasheet HTML 4Page - Littelfuse K2000S1URP Datasheet HTML 5Page - Littelfuse K2000S1URP Datasheet HTML 6Page - Littelfuse K2000S1URP Datasheet HTML 7Page - Littelfuse K2000S1URP Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Revised: 08/11/15
Specifications are subject to change without notice.
©2015 Littelfuse, Inc
Teccor® brand Thyristors
Standard Unidirectional SIDACs
Kxxx0yU SIDAC Series
6
Dimensions
Inches
Millimeters
Min
Max
Min
Max
A
0.049
0.065
1.250
1.650
B
0.157
0.177
3.990
4.500
C
0.100
0.110
2.540
2.790
D
0.078
0.090
1.980
2.290
E
0.030
0.060
0.780
1.520
F
-
0.008
-
0.203
G
0.194
0.208
4.930
5.280
H
0.006
0.012
0.152
0.305
I
0.070
-
1.800
-
J
0.082
-
2.100
-
K
-
0.090
-
2.300
L
0.082
-
2.100
-
DO-214AC (SMA)
A
D
E
G
F
H
C
B
(all dimensions in mm)
I
L
K
J
Solder Pads
Dimensions
Dimension
Inches
Millimeters
Max
Max
Min
Max
A
1.000
-
25.40
-
B
0.230
0.300
5.80
7.60
C
0.028
0.034
0.71
0.86
D
0.104
0.140
2.60
3.60
Dimensions — DO-15
A
A
B
D
C
Temperature Measuring Point
Physical Specifications
Test
Specifications and Conditions
High Temperature
Voltage Blocking
MIL-STD-750: Method 1040, Condition A
Rated V
DRM (Rectified VAC-peak), TJ, 504
hours
Temperature Cycling
MIL-STD-750: Method 1051
-40°C to 150°C, 15-minute dwell, 100
cycles
Biased Temperature &
Humidity
EIA/JEDEC: JESD22-A101
80% min V
BO (VDC), 85°C, 85%RH, 1008
hours
High Temp Storage
MIL-STD-750: Method 1031
150°C, 1008 hours
Low-Temp Storage
-40°C, 1008 hours
Thermal Shock
MIL-STD-750: Method 1056
0°C to 100°C, 5-minute dwell,
10-second transfer, 10 cycles
Resistance to
Solder Heat
MIL-STD-750: Method 2031
260°C, 10 seconds
Solderability
ANSI/J-STD-002: Category 3
Lead Bend
MIL-STD-750: Method 2036, Condition E
Terminal Finish
100% Matte Tin Plated
Body Material
UL recognized epoxy meeting flammability
classification 94V-0
Lead Material
Copper Alloy
Design Considerations
Careful selection of the correct device for the application’s
operating parameters and environment will go a long
way toward extending the operating life of the Thyristor.
Overheating and surge currents are the main killers of
SIDACs. Correct mounting, soldering, and forming of the
leads also help protect against component damage.
Reliability/Environmental Tests


Similar Part No. - K2000S1URP

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
K2000S TECCOR-K2000S Datasheet
269Kb / 6P
   silicon bilateral voltage triggered switch
K2000S TECCOR-K2000S Datasheet
2Mb / 224P
   Thyristor Product Catalog
logo
Littelfuse
K2000S LITTELFUSE-K2000S Datasheet
181Kb / 7P
   High-voltage lamp ignitors
K2000S70AP LITTELFUSE-K2000S70AP Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K2000S70RP LITTELFUSE-K2000S70RP Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
More results

Similar Description - K2000S1URP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
KXXX1GL LITTELFUSE-KXXX1GL Datasheet
794Kb / 6P
   Standard Bidirectional SIDACs
K2200GRP LITTELFUSE-K2200GRP Datasheet
1Mb / 12P
   Standard Bidirectional SIDACs
K2000F23 LITTELFUSE-K2000F23 Datasheet
431Kb / 12P
   Standard Bidirectional SIDACs
K1050SRP LITTELFUSE-K1050SRP Datasheet
431Kb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
logo
EIC discrete Semiconduc...
G105 EIC-G105 Datasheet
26Kb / 1P
   SIDACs
logo
New Jersey Semi-Conduct...
G105 NJSEMI-G105 Datasheet
84Kb / 1P
   SIDACs
logo
Littelfuse
K3002G LITTELFUSE-K3002G Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
logo
EIC discrete Semiconduc...
G105C EIC-G105C Datasheet
114Kb / 1P
   SIDACs
logo
Littelfuse
K2201G LITTELFUSE-K2201G Datasheet
224Kb / 6P
   Teccor brand Thyristors Multipulse SIDACs
K2400GH LITTELFUSE-K2400GH Datasheet
247Kb / 10P
   High Energy Bidirectional SIDACs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com