Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS1100 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # TS1100
Description  Current Sense Amplifier Performance Comparison
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1100 Datasheet(HTML) 2 Page - Silicon Laboratories

  TS1100 Datasheet HTML 1Page - Silicon Laboratories TS1100 Datasheet HTML 2Page - Silicon Laboratories TS1100 Datasheet HTML 3Page - Silicon Laboratories TS1100 Datasheet HTML 4Page - Silicon Laboratories TS1100 Datasheet HTML 5Page - Silicon Laboratories TS1100 Datasheet HTML 6Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AN836
2
Rev. 1.0
2.1. Performance Comparison Set-Up
The TS1100 and the MAX9634 evaluation boards were used to perform side-by-side load current measurements.
With on-board 50 m
 sense resistors and a 100 mA load currents, a gain of 50 current sense amplifier and 5mV
sense resistor voltage should ideally generate a 250 mV output voltage. Figures 1 and 2 show the TS1100-50
evaluation board and evaluation board circuit schematic while Figures 3 and 4 show the MAX9634 evaluation
board and evaluation board and circuit schematic, respectively. Figure 5 shows the lab bench setup used to
perform the measurements. Both set-ups were independent and separate instruments were used to perform the
measurements on each evaluation board. In addition, a separate active load was used for each evaluation board.
The only common piece of equipment used was the power supply.
Figure 1. TS1100-50 Evaluation Board
Figure 2. TS1100-50 Evaluation Board Circuit Schematic


Similar Part No. - TS1100

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Silicon Laboratories
TS1100 SILABS-TS1100 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
logo
Touchstone Semiconducto...
TS1100-100 TOUCHSTONE-TS1100-100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Silicon Laboratories
TS1100-100-EG6 SILABS-TS1100-100-EG6 Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1100-100-EG6T SILABS-TS1100-100-EG6T Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - TS1100

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
SISA4080 SS-SISA4080 Datasheet
494Kb / 5P
   Current Sense Amplifier
logo
Rohm
BD14215FVJ-LA ROHM-BD14215FVJ-LA Datasheet
1Mb / 19P
   Current Sense Amplifier
06.Sep.2022 Rev.001
logo
Texas Instruments
INA240-Q1 TI1-INA240-Q1 Datasheet
547Kb / 10P
[Old version datasheet]   Current-Sense Amplifier
logo
Semtech Corporation
TS94033 SEMTECH-TS94033 Datasheet
1Mb / 10P
   Current Sense Amplifier
logo
Linear Technology
LT6119-1 LINER-LT6119-1 Datasheet
337Kb / 28P
   Current Sense Amplifier
logo
Rohm
BD14210G-LA ROHM-BD14210G-LA Datasheet
983Kb / 19P
   Current Sense Amplifier
03.Mar.2022 Rev.001
BD14210G-EVK-001 ROHM-BD14210G-EVK-001 Datasheet
668Kb / 4P
   Current Sense Amplifier
Rev.001 Oct.2022
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
   Precision Current-Sense Amplifier
logo
STMicroelectronics
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
161Kb / 12P
   High-side current sense amplifier
logo
Rohm
BD3181FVM ROHM-BD3181FVM Datasheet
171Kb / 6P
   High-Side Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com