Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


BCR35PN Datasheet(PDF) 2 Page - Infineon Technologies AG

Part No. BCR35PN
Description  NPN/PNP Silicon Digital Transistor Array
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

   
 2 page
background image
BCR35PN
Nov-29-2001
2
Electrical Characteristics
at TA=25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 100 µA, IB = 0
V(BR)CEO
50
-
-
V
Collector-base breakdown voltage
IC = 10 µA, IE = 0
V(BR)CBO
50
-
-
Collector cutoff current
VCB = 40 V, IE = 0
ICBO
-
-
100
nA
Emitter cutoff current
VEB = 6 V, IC = 0
IEBO
-
-
167
µA
DC current gain 1)
IC = 5 mA, VCE = 5 V
hFE
70
-
-
-
Collector-emitter saturation voltage1)
IC = 10 mA, IB = 0.5 mA
VCEsat
-
-
0.3
V
Input off voltage
IC = 100 µA, VCE = 5 V
Vi(off)
0.5
-
1
Input on Voltage
IC = 2 mA, VCE = 0.3 V
Vi(on)
0.5
-
1.4
Input resistor
R1
7
10
13
k

Resistor ratio
R1/R2
0.19
0.21
0.24
-
AC Characteristics
Transition frequency
IC = 10 mA, VCE = 5 V, f = 100 MHz
fT
-
150
-
MHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
-
2
-
pF
1) Pulse test: t < 300
s; D < 2%




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BCR10PNNPN/PNP Silicon Digital Transistor Array 1 2 3 4 5 Infineon Technologies AG
SEMB1PNP Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG
SEMH1NPN Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG
BCR19PNNPN/PNP Silicon Digital Transistor Array 1 2 3 4 5 Infineon Technologies AG
SEMB2PNP Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG
SEMH2NPN Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG
BCR108SNPN Silicon Digital Transistor Array Switching circuit inverter interface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group
BCR22PNNPN/PNP Silicon Digital Transistor Array 1 2 3 4 5 Infineon Technologies AG
SEMB4PNP Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG
SEMH4NPN Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl