Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


BCR22PN Datasheet(PDF) 5 Page - Infineon Technologies AG

Part No. BCR22PN
Description  NPN/PNP Silicon Digital Transistor Array
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

   
 5 page
background image
BCR22PN
Dec-13-2001
5
Total power dissipation Ptot = f (TS)
0
20
40
60
80
100
120 °C
150
TS
0
50
100
150
200
mW
300
Permissible Pulse Load RthJS = f (tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-1
10
0
10
1
10
2
10
3
10
K/W
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0
Permissible Pulse Load
Ptotmax / PtotDC = f (tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
3
10
-
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BCR10PNNPN/PNP Silicon Digital Transistor Array 1 2 3 4 5 Infineon Technologies AG
SEMB1PNP Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG
SEMH1NPN Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG
BCR19PNNPN/PNP Silicon Digital Transistor Array 1 2 3 4 5 Infineon Technologies AG
SEMB2PNP Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG
SEMH2NPN Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG
BCR108SNPN Silicon Digital Transistor Array Switching circuit inverter interface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group
BCR35PNNPN/PNP Silicon Digital Transistor Array 1 2 3 4 5 Infineon Technologies AG
SEMB4PNP Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG
SEMH4NPN Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl