Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV431Q Datasheet(PDF) 3 Page - Diodes Incorporated

Part # TLV431Q
Description  AUTOMOTIVE GRADE 1.24V SHUNT REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TLV431Q Datasheet(HTML) 3 Page - Diodes Incorporated

  TLV431Q Datasheet HTML 1Page - Diodes Incorporated TLV431Q Datasheet HTML 2Page - Diodes Incorporated TLV431Q Datasheet HTML 3Page - Diodes Incorporated TLV431Q Datasheet HTML 4Page - Diodes Incorporated TLV431Q Datasheet HTML 5Page - Diodes Incorporated TLV431Q Datasheet HTML 6Page - Diodes Incorporated TLV431Q Datasheet HTML 7Page - Diodes Incorporated TLV431Q Datasheet HTML 8Page - Diodes Incorporated TLV431Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TLV431Q
Document number: DS36915 Rev. 1 - 2
3 of 13
www.diodes.com
February 2014
© Diodes Incorporated
TLV431Q
A Product Line of
Diodes Incorporated
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VREF
Reference Voltage
VKA = VREF,
TA = +25°C
TLV431AQ
1.228
1.24
1.252
V
TLV431BQ
1.234
1.24
1.246
TLV431TQ
1.2375
1.24
1.2425
VKA = VREF,
TA = 0 to +70°C
TLV431AQ
1.221
1.259
TLV431BQ
1.227
1.253
TLV431TQ
1.230
1.250
VKA = VREF,
TA = -40 to +85°C
TLV431AQ
1.215
1.265
TLV431BQ
1.224
1.259
TLV431TQ
1.228
1.252
VKA = VREF,
TA = -40 to +125°C
TLV431AQ
1.209
1.271
TLV431BQ
1.221
1.265
TLV431TQ
1.224
1.255
VREF(dev)
Deviation of reference
voltage over full
temperature range
VKA = VREF
TA = 0 to +70°C
4
12
mV
TA = -40 to +85°C
6
20
TA = -40 to +125°C
11
31
∆VREF
∆VKA
Ratio of change in
reference voltage to the
change in cathode
voltage
VKA for VREF to
6V
-1.5
-2.7
mV/V
18V
-1.5
-2.7
IREF
Reference Input Current
R1 = 10kΩ, R2 = OC
0.15
0.5
µA
IREF(dev)
IREF deviation over full
temperature range
R1 = 10kΩ,
R2 = OC
TA = 0 to +70°C
0.05
0.3
µA
TA = -40 to +85°C
0.1
0.4
TA = -40 to +125°C
0.15
0.5
IKMIN
Minimum cathode
current for regulation
VKA = VREF
TA = 0 to +70°C
55
80
µA
TA = -40 to +85°C
55
80
TA = -40 to +125°C
55
100
IK(OFF)
Off state current
VKA = 18V, VREF = 0V
0.001
0.1
µA
ZKA
Dynamic output
impedance
VKA = VREF, f = <1kHz
IK = 0.1 to 15Ma
0.25
0.4


Similar Part No. - TLV431Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TLV431Q DIODES-TLV431Q Datasheet
1Mb / 14P
   AUTOMOTIVE-COMPLIANT 1.24V SHUNT REGULATOR
logo
Texas Instruments
TLV431QPK TI-TLV431QPK Datasheet
232Kb / 34P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431QPK TI-TLV431QPK Datasheet
787Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431QPK TI-TLV431QPK Datasheet
985Kb / 36P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
TLV431QPK TI-TLV431QPK Datasheet
1,013Kb / 38P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - TLV431Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TLV431Q DIODES-TLV431Q_18 Datasheet
1Mb / 14P
   AUTOMOTIVE-COMPLIANT 1.24V SHUNT REGULATOR
AZ9431BQ DIODES-AZ9431BQ Datasheet
615Kb / 9P
   AUTOMOTIVE COMPLIANT 1.24V ADJUSTABLE PRECISION SHUNT REGULATOR
AZ9431Q DIODES-AZ9431Q Datasheet
880Kb / 9P
   AUTOMOTIVE COMPLIANT 1.24V ADJUSTABLE PRECISION SHUNT REGULATOR
January 2022 Rev. 2 - 2
logo
List of Unclassifed Man...
B431L ETC1-B431L Datasheet
292Kb / 8P
   1.24V Adjustable Shunt Regulator
logo
Zetex Semiconductors
ZTLV431 ZETEX-ZTLV431 Datasheet
199Kb / 8P
   1.24V Cost effective shunt regulator
logo
Sipex Corporation
SPX432 SIPEX-SPX432_04 Datasheet
144Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX432AM-L SIPEX-SPX432AM-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
logo
Zetex Semiconductors
TLV431 ZETEX-TLV431_08 Datasheet
813Kb / 16P
   1.24V Cost effective shunt regulator
ZTLV431 ZETEX-ZTLV431_07 Datasheet
224Kb / 8P
   1.24V Cost effective shunt regulator
logo
Sipex Corporation
SPX432M-L SIPEX-SPX432M-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com