Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM8905 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM8905
Description  1.9W Class-D Audio Amplifier with Integrated Boost Converter and Battery Tracking AGC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8905 Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM8905 Datasheet HTML 1Page - Diodes Incorporated PAM8905 Datasheet HTML 2Page - Diodes Incorporated PAM8905 Datasheet HTML 3Page - Diodes Incorporated PAM8905 Datasheet HTML 4Page - Diodes Incorporated PAM8905 Datasheet HTML 5Page - Diodes Incorporated PAM8905 Datasheet HTML 6Page - Diodes Incorporated PAM8905 Datasheet HTML 7Page - Diodes Incorporated PAM8905 Datasheet HTML 8Page - Diodes Incorporated PAM8905 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PAM8905
Document number: DS37026 Rev. 2 - 2
3 of 9
www.diodes.com
May 2015
© Diodes Incorporated
PAM8905
A Product Line of
Diodes Incorporated
1.9W Class-D Audio Amplifier with Integrated
Boost Converter and Battery Tracking AGC
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
VALUE
UNIT
VBAT
Supply voltage
–0.3 to 6.0
V
VI
Input voltage, EN, IN+, IN
–, AGC
–0.3 to VBAT + 0.3
V
TA
Operating free-air temperature range
–40 to 85
°C
TJ
Operating junction temperature range
–40 to 150
°C
Tstg
Storage temperature range
–65 to 150
°C
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
MIN
MAX
UNIT
VBAT
Supply voltage
2.8
5.2
V
VIH
High-level input voltage
EN
1.3
VBAT
V
VIL
Low-level input voltage
EN
GND
0.6
V
TA
Operating free-air temperature
–40
85
°C
Thermal Information
Parameter
Symbol
Package
Maximum
Unit
Thermal Resistance (Junction to Ambient)
JA
U-WLB1520-12
85
°C/W


Similar Part No. - PAM8905

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8901 DIODES-PAM8901 Datasheet
612Kb / 13P
   25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
PAM8901JER DIODES-PAM8901JER Datasheet
612Kb / 13P
   25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
logo
Power Analog Micoelectr...
PAM8902 PAM-PAM8902 Datasheet
464Kb / 13P
   30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
logo
Diodes Incorporated
PAM8902A DIODES-PAM8902A Datasheet
554Kb / 12P
   30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS WITH ANTI-SATURATION
PAM8902AKER DIODES-PAM8902AKER Datasheet
554Kb / 12P
   30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS WITH ANTI-SATURATION
More results

Similar Description - PAM8905

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
TPA2015D1 TI-TPA2015D1 Datasheet
871Kb / 25P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_15 Datasheet
760Kb / 26P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_10 Datasheet
1,022Kb / 27P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_V01 Datasheet
1Mb / 40P
[Old version datasheet]   TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
REVISED JUNE 2022
TPA2015D1 TI-TPA2015D1_11 Datasheet
1Mb / 28P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
logo
Diodes Incorporated
PAM8945 DIODES-PAM8945_16 Datasheet
568Kb / 9P
   4.0W CLASS-G AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
logo
Fangtek Ltd.
FT2925 FANGTEK-FT2925 Datasheet
1Mb / 27P
   2x6W Class-G Stereo Audio Power Amplifier with Automatic Level Control & Battery Tracking AGC
FT2920 FANGTEK-FT2920 Datasheet
1Mb / 28P
   8W Boosted Class-G Audio Power Amplifier with Automatic Level Control & Battery Tracking AGC
FT2923 FANGTEK-FT2923 Datasheet
1Mb / 27P
   2x4.5W Class-G Stereo Audio Power Amplifier with Automatic Level Control & Battery Tracking AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com