Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR12100FCT Datasheet(PDF) 1 Page - Frontier Electronics.

Part # FR12100FCT
Description  12A FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FR12100FCT Datasheet(HTML) 1 Page - Frontier Electronics.

  FR12100FCT Datasheet HTML 1Page - Frontier Electronics. FR12100FCT Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FR1205(F)CT THRU FR12100(F)CT SPECIFICATION
Rev. A
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989
12A FAST RECOVERY RECTIFIERS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS (TA =25°C UNLESS OTHERWISE NOTED ) AND ELECTRICAL CHARACTERISTICS
RATING
SYMBOL
V
A
L
U
E
UNITS
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT, SEE FIG.1
IO
12 (PER DEVICE)
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
100
A
TYPICAL JUNCTION CAPACITANCE @1MHz & REVERSE VOLTAGE 4V
CJ
55
pF
TYPICAL THERMAL RESISTANCE, JUNCTION TO CASE ON HEAT SINK
R
θjc
2.2 (PER LEG)
°C/W
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO +175
°C
OPERATING TEMPERATURE RANGE
TOP
- 55 TO +150
°C
MAXIMUM FORWARD VOLTAGE AT 6A PER LEG
TJ =125°C
IF= 30A TJ = 25°C
TJ =125°C
VF
1.3
V
MAXIMUM REVERSE CURRENT AT 25°C
IR
10
µA
MAXIMUM REVERSE CURRENT AT 125°C
IR
500
µA
PART NUMBER
MAX RECURRENT PK REVERSE
VOLTAGE/DC BLOCKING VRRM/VR (V)
MAX
VRMS (V)
MAX REVERSE
RECOVERY TIME TRR (nS)
MARKING
FR1205CT/FR1205FCT
50
35
150
SAME AS P/N
FR1210CT/FR1210FCT
100
70
150
SAME AS P/N
FR1220CT/FR1220FCT
200
140
150
SAME AS P/N
FR1240CT/FR1240FCT
400
280
150
SAME AS P/N
FR1260CT/FR1260FCT
600
420
250
SAME AS P/N
FR1280CT/FR1280FCT
800
560
500
SAME AS P/N
FR12100CT/FR12100FCT
1000
700
500
SAME AS P/N
NOTE︰ 1. REVERSE RECOVERY TEST CONDITIONS: IF=0.5A, IR=1.0A, IRR=0.25A.
2. CURRENT RATING IS BASED ON SINGLE PHASE, 1/2 WAVE, 60HZ, RESISTIVE, OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD,
DERATE CURRENT BY 20%
PRODUCT FEATURES
1.
FLAMMABILITY CLASSIFICATION 94V-0
2.
LOW FORWARD VOLTAGE VF
3.
FAST RECOVERY TIME
4.
LOW THERMAL RESISTANCE/HIGH VOLTAGE
5.
GLASS PASSIVATED CHIP JUNCTION
6.
CASE: TRANSFER MOLDED
7.
TO-220AB FOR FR1205CT THRU FR12100CT
ITO-220AB FOR FR1205FCT THRU FR12100FCT
DIMENSIONS IN INCHES AND (MILLIMETERS)
8.
LEADS: SOLDERABILITY PER MIL-STD-202 METHOD 208
9.
WEIGHT: 2.1 GRAMS (TO-220AB)
10.
1.7 GRAMS (ITO-220AB)
RoHS COMPLIANT/HALOGEN FREE
Fig 1. TO-220AB FOR FR12xxxCT
Fig 2. ITO-220AB FOR FR12xxxFCT


Similar Part No. - FR12100FCT

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
FR1210CT SUNMATE-FR1210CT Datasheet
1Mb / 2P
   FAST RECOVERY RECTIFIERS
More results

Similar Description - FR12100FCT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
1N3879 IRF-1N3879 Datasheet
315Kb / 8P
   6A, 12A AND 16A FAST RECOVERY RECTIFIERS
logo
Naina Semiconductor ltd...
12-NSFR NAINA-12-NSFR Datasheet
149Kb / 2P
   Fast Recovery Diodes, 12A
12NSF NAINA-12NSF_17 Datasheet
149Kb / 2P
   Fast Recovery Diodes, 12A
logo
Nell Semiconductor Co.,...
12FDR06A NELLSEMI-12FDR06A Datasheet
537Kb / 6P
   Fast Recovery Diodes (Stud Version), 12A
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com