Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM8407 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM8407
Description  2x3W Stereo Differential Input Class D Audio Amplifier with Up/Down Volume Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8407 Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM8407 Datasheet HTML 1Page - Diodes Incorporated PAM8407 Datasheet HTML 2Page - Diodes Incorporated PAM8407 Datasheet HTML 3Page - Diodes Incorporated PAM8407 Datasheet HTML 4Page - Diodes Incorporated PAM8407 Datasheet HTML 5Page - Diodes Incorporated PAM8407 Datasheet HTML 6Page - Diodes Incorporated PAM8407 Datasheet HTML 7Page - Diodes Incorporated PAM8407 Datasheet HTML 8Page - Diodes Incorporated PAM8407 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PAM8407
Document number: DS36815 Rev. 1 - 2
2 of 12
www.diodes.com
January 2014
© Diodes Incorporated
PAM8407
A PRODUCT LINE OF
DIODES INCORPORATED
2x3W Stereo Differential Input Class D Audio Amplifier
with Up/Down Volume Control
Pin Descriptions
PIN Number
PIN Name
Description
1
RINP
Positive Input of Right Channel Power Amplifier.
2
RINN
Negative Input of Right Channel Power Amplifier.
3
SD
Full Chip Shutdown Control Input (active low).
4
UP
Volume UP Control (active low)Ground Connection.
5
DOWN
Volume down Control (active low)
6,12,13
GND
Ground.
7
LINN
Negative Input of Left Channel Power Amplifier.
8
LINP
Positive Input of Left Channel Power Amplifier.
9,16
VDD
Power Supply.
10
LOUTP
Positive Output of Left Channel Power Amplifier.
11
LOUTN
Negative Output of Left Channel Power Amplifier.
14
ROUTN
Negative Output of Right Channel Power Amplifier.
15
ROUTP
Positive Output of Right Channel Power Amplifier.
Functional Block Diagram
VD D
RINP
LIN N
VDD
GND
LOU T P
LOU T N
ROUT N
ROUT P
GN D
MODULATOR
DRIVER
INTERNAL
OSCILLATOR
OS C
BIAS
AND
REFERENCES
MODULATOR
DRIVER
Thermal
Protection
Current
Protection
DOWN
SD
VD D
+
-
RINN
UP
+
-
LIN P
VD D
VD D
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Parameter
Rating
Unit
Supply Voltage (VDD)
6.5
V
Pins Input Voltage (SD, UP, Down, IN)
-0.3 to VDD+0.3
V
Storage Temperature
-65 to +150
°C
Maximum Junction Temperature
+150
°C
Junction to ambient thermal resistance
40
°C/W


Similar Part No. - PAM8407

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAM8402 ETC1-PAM8402 Datasheet
162Kb / 3P
   2 Watt Class-D Audio Amplifiers with Enable
logo
Power Analog Micoelectr...
PAM8403 PAM-PAM8403 Datasheet
194Kb / 12P
   Filterless 3W Class-D Stereo Audio Amplifier
logo
Diodes Incorporated
PAM8403 DIODES-PAM8403 Datasheet
380Kb / 11P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
PAM8403 ARTSCHIP-PAM8403 Datasheet
237Kb / 12P
   Filterless 3W Class-D Stereo Audio Amplifier
logo
Power Analog Micoelectr...
PAM8403DR PAM-PAM8403DR Datasheet
194Kb / 12P
   Filterless 3W Class-D Stereo Audio Amplifier
More results

Similar Description - PAM8407

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8408 DIODES-PAM8408 Datasheet
453Kb / 11P
   2x3W STEREO DIFFERENTIAL INPUT CLASS D AUDIO AMPLIFIER WITH MEMORY UP/DOWN VOLUME
logo
List of Unclassifed Man...
TMPA208DS ETC1-TMPA208DS Datasheet
179Kb / 8P
   2.5W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH VOLUME CONTROL
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
   3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Power Analog Micoelectr...
PAM8803 PAM-PAM8803 Datasheet
304Kb / 13P
   3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control
PAM8610 PAM-PAM8610 Datasheet
326Kb / 17P
   10W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Diodes Incorporated
PAM8610 DIODES-PAM8610 Datasheet
426Kb / 15P
   10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Shenzhenshi YONGFUKANG ...
TA8803 YONGFUKANG-TA8803 Datasheet
269Kb / 13P
   3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control
logo
Anpec Electronics Corop...
APA2603 ANPEC-APA2603 Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
logo
Power Analog Micoelectr...
PAM8603M PAM-PAM8603M Datasheet
237Kb / 14P
   3W Filterless Stereo Class-D Audio Amplifier with DC Volume Control
PAM8606 PAM-PAM8606 Datasheet
292Kb / 16P
   6W Stereo Class-D Audio Power Amplifier with DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com