Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM8406ER Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PAM8406ER
Description  ALTERNATIVE 5W STEREO AUDIO AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8406ER Datasheet(HTML) 4 Page - Diodes Incorporated

  PAM8406ER Datasheet HTML 1Page - Diodes Incorporated PAM8406ER Datasheet HTML 2Page - Diodes Incorporated PAM8406ER Datasheet HTML 3Page - Diodes Incorporated PAM8406ER Datasheet HTML 4Page - Diodes Incorporated PAM8406ER Datasheet HTML 5Page - Diodes Incorporated PAM8406ER Datasheet HTML 6Page - Diodes Incorporated PAM8406ER Datasheet HTML 7Page - Diodes Incorporated PAM8406ER Datasheet HTML 8Page - Diodes Incorporated PAM8406ER Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PAM8406
Document number: DSxxxxx Rev. 1 - 0
4 of 14
www.diodes.com
March 2013
© Diodes Incorporated
PAM8406
A Product Line of
Diodes Incorporated
Electrical Characteristics
(@TA = +25°C, VDD = 5V, Gain = 24dB, RL = 8Ω, both Class-AB and D mode, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VDD
Supply Voltage
2.5
5.5
V
PO
Output Power
THD+N = 10%, f = 1KHz, RL = 2Ω
(Class-D)
VDD = 5.0V
5.0
W
VDD = 3.6V
2.6
VDD = 2.5V
1.3
THD+N = 1%, f = 1KHz, RL = 2Ω
(Class-D)
VDD = 5.0V
4.0
W
VDD = 3.6V
2.0
VDD = 2.5V
1.0
THD+N = 10%, f = 1KHz, RL = 4Ω
VDD = 5.0V
3.14
W
VDD = 3.6V
1.5
VDD = 2.5V
0.76
THD+N = 1%, f = 1KHz, RL = 4Ω
VDD = 5.0V
2.55
W
VDD = 3.6V
1.45
VDD = 2.5V
0.63
THD+N = 10%, f = 1KHz, RL = 8Ω
VDD = 5.0V
1.8
W
VDD = 3.6V
0.92
VDD = 2.5V
0.44
THD+N = 1%, f = 1KHz, RL = 8Ω
VDD = 5.0V
1.6
W
VDD = 3.6V
0.76
VDD = 2.5V
0.36
THD+N
Total Harmonic
Distortion Plus Noise
VDD = 5.0V, PO = 0.1W to 1W , RL = 8Ω
f = 1kHz
0.15
%
VDD = 3.6V, PO = 0.05W to 0.5W, RL = 8Ω
0.11
VDD = 5.0V, PO = 0.1W to 2W, RL = 4Ω
f = 1kHz
0.15
%
VDD = 3.6V, PO = 0.05W to 2W, RL = 4Ω
0.11
VDD = 5.0V, PO = 0.1W to 2W, RL = 2Ω
(Class-D)
f = 1kHz
0.15
%
VDD = 3.6V, PO = 0.05W to 1W, RL = 2Ω
(Class-D)
0.11
GV
Closed Loop Gain
VDD = 3V to 5V
dB
PSRR
Power Supply Ripple
Rejection
VDD = 5.0V, Inputs AC-Grounded with CIN =
0.47µF
f = 100Hz
-70
dB
f = 1kHz
-65
CS
Crosstalk
VDD = 5.0V, PO = 0.5W, RL = 8Ω,
GV = 24db
f = 1kHz
-95
dB
SNR
Signal-to-Noise Ratio
VDD = 5.0V, THD = 1%, GV = 24db
f = 1kHz
90
dB
VN
Output Noise
VDD = 5.0V, Inputs AC-Grounded
A-Weighting
100
µV
No A-Weighting
150
η
Efficiency
RL = 8Ω, THD = 10%
Class D Mode
f = 1kHz
90
%
RL = 4Ω, THD = 10%
85
RL = 2Ω, THD = 10%
80
IQ
Quiescent Current
VDD = 5.0V
No Load
10
mA
VDD = 3.6V
8
VDD = 2.5V
6
Quiescent Current
VDD = 5.0V
No Load
25
mA
VDD = 3.6V
15
VDD = 2.5V
10


Similar Part No. - PAM8406ER

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAM8402 ETC1-PAM8402 Datasheet
162Kb / 3P
   2 Watt Class-D Audio Amplifiers with Enable
logo
Power Analog Micoelectr...
PAM8403 PAM-PAM8403 Datasheet
194Kb / 12P
   Filterless 3W Class-D Stereo Audio Amplifier
logo
Diodes Incorporated
PAM8403 DIODES-PAM8403 Datasheet
380Kb / 11P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
PAM8403 ARTSCHIP-PAM8403 Datasheet
237Kb / 12P
   Filterless 3W Class-D Stereo Audio Amplifier
logo
Power Analog Micoelectr...
PAM8403DR PAM-PAM8403DR Datasheet
194Kb / 12P
   Filterless 3W Class-D Stereo Audio Amplifier
More results

Similar Description - PAM8406ER

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YDA135 YAMAHA-YDA135 Datasheet
464Kb / 22P
   STEREO 5W-20W DIGITAL AUDIO POWER AMPLIFIER CONTROLLER
YDA137 YAMAHA-YDA137 Datasheet
924Kb / 20P
   D- 2 STEREO 5W DIGITAL AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM384 NSC-LM384 Datasheet
152Kb / 7P
   5W Audio Power Amplifier
logo
Avic Technology
AV2025 AVICTEK-AV2025 Datasheet
160Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
   STEREO AUDIO AMPLIFIER
logo
Panasonic Semiconductor
AN7131 PANASONIC-AN7131 Datasheet
200Kb / 4P
   5W AUDIO POWER AMPLIFIER CIRCUIT
logo
Unisonic Technologies
UTCTEA2025 UTC-UTCTEA2025 Datasheet
46Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
UTC2025 ETC1-UTC2025 Datasheet
115Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
STMicroelectronics
TDA1905 STMICROELECTRONICS-TDA1905 Datasheet
215Kb / 14P
   5W AUDIO AMPLIFIER WITH MUTING
logo
Texas Instruments
LM384 TI-LM384_15 Datasheet
339Kb / 12P
[Old version datasheet]   LM384 5W Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com