Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC857CW Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BC857CW
Description  PNP Silicon AF Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC857CW Datasheet(HTML) 1 Page - Infineon Technologies AG

  BC857CW Datasheet HTML 1Page - Infineon Technologies AG BC857CW Datasheet HTML 2Page - Infineon Technologies AG BC857CW Datasheet HTML 3Page - Infineon Technologies AG BC857CW Datasheet HTML 4Page - Infineon Technologies AG BC857CW Datasheet HTML 5Page - Infineon Technologies AG BC857CW Datasheet HTML 6Page - Infineon Technologies AG BC857CW Datasheet HTML 7Page - Infineon Technologies AG BC857CW Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BC856W...BC860W
1
Dec-11-2001
PNP Silicon AF Transistors
 For AF input stages and driver applications
 High current gain
 Low collector-emitter saturation voltage
 Low noise between 30 Hz and 15 kHz
 Complementary types:
BC846W, BC847W, BC848W
BC849W, BC850W (NPN)
1
3
VSO05561
2
Type
Marking
Pin Configuration
Package
BC856AW
BC856BW
BC857AW
BC857BW
BC857CW
BC858AW
BC858BW
BC858CW
BC859AW
BC859BW
BC859CW
BC860BW
BC860CW
3As
3Bs
3Es
3Fs
3Gs
3Js
3Ks
3Ls
4As
4Bs
4Cs
4Fs
4Gs
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
SOT323
SOT323
SOT323
SOT323
SOT323
SOT323
SOT323
SOT323
SOT323
SOT323
SOT323
SOT323
SOT323


Similar Part No. - BC857CW

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC857CW SIEMENS-BC857CW Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Continental Device Indi...
BC857CW CDIL-BC857CW Datasheet
376Kb / 4P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Diodes Incorporated
BC857CW DIODES-BC857CW Datasheet
47Kb / 2P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30251 Rev. A-2
logo
Diotec Semiconductor
BC857CW DIOTEC-BC857CW Datasheet
125Kb / 2P
   SMD General Purpose PNP Transistors
BC857CW DIOTEC-BC857CW Datasheet
184Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BC857CW

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
logo
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW67 INFINEON-BCW67 Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
logo
Bruckewell Technology L...
BCX51-BCX53 BWTECH-BCX51-BCX53 Datasheet
587Kb / 6P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW68GE6327 INFINEON-BCW68GE6327 Datasheet
533Kb / 8P
   PNP Silicon AF Transistors
2011-09-15
logo
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
   PNP Silicon AF Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com