Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC848T Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BC848T
Description  NPN Silicon AF Transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC848T Datasheet(HTML) 8 Page - Infineon Technologies AG

  BC848T Datasheet HTML 1Page - Infineon Technologies AG BC848T Datasheet HTML 2Page - Infineon Technologies AG BC848T Datasheet HTML 3Page - Infineon Technologies AG BC848T Datasheet HTML 4Page - Infineon Technologies AG BC848T Datasheet HTML 5Page - Infineon Technologies AG BC848T Datasheet HTML 6Page - Infineon Technologies AG BC848T Datasheet HTML 7Page - Infineon Technologies AG BC848T Datasheet HTML 8Page - Infineon Technologies AG BC848T Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
BC846T...BC850T
8
Aug-01-2002
h parameter he = f (VCE) normalized
IC = 2mA
0
010
20
30
EHP00369
V
CE
h
e
V
1.0
0.5
1.5
2.0
= 2 mA
h
h
h
h
e
e
e
e
21
11
12
22
C
Ι
h parameter he = f (IC) normalized
VCE = 5V
10
10
10
EHP00368
mA
-1
0
1
5
e
h
2
10
-1
10
1
10
10 0
5
5
5
h
11e
h
12e
h
21e
h
22e
V
CE = 5 V
Ι
C
Noise figure F
= f (f)
IC = 0.2mA, VCE = 5V, RS = 2k
10
10
10
10
BC 846...850
EHP00371
F
kHz
dB
-2
-1
1
2
20
10
0
5
15
f
0
10
Noise figure F
= f (VCE)
IC = 0.2mA, RS = 2k, f = 1kHz
0
10
10
10
10
BC 846...850
EHP00370
V
CE
F
V
10
5
15
dB
20
-1
0
1
2
5


Similar Part No. - BC848T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC848 FAIRCHILD-BC848 Datasheet
68Kb / 3P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
SHENZHEN YONGERJIA INDU...
BC848 WINNERJOIN-BC848 Datasheet
187Kb / 2P
   NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC848 FAIRCHILD-BC848 Datasheet
149Kb / 5P
   NPN Epitaxial Silicon Transistor
logo
GUANGDONG HOTTECH INDUS...
BC848 HOTTECH-BC848 Datasheet
421Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC848 WEITRON-BC848 Datasheet
517Kb / 9P
   NPN/PNP Dual General Purpose Transistors
More results

Similar Description - BC848T

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com