Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM8320RDR Datasheet(PDF) 6 Page - Diodes Incorporated

Part # PAM8320RDR
Description  20W Mono Class D Audio Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8320RDR Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button PAM8320RDR Datasheet HTML 2Page - Diodes Incorporated PAM8320RDR Datasheet HTML 3Page - Diodes Incorporated PAM8320RDR Datasheet HTML 4Page - Diodes Incorporated PAM8320RDR Datasheet HTML 5Page - Diodes Incorporated PAM8320RDR Datasheet HTML 6Page - Diodes Incorporated PAM8320RDR Datasheet HTML 7Page - Diodes Incorporated PAM8320RDR Datasheet HTML 8Page - Diodes Incorporated PAM8320RDR Datasheet HTML 9Page - Diodes Incorporated PAM8320RDR Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PAM8320
Document number: DS36610 Rev. 1 - 2
6 of 11
www.diodes.com
October 2013
© Diodes Incorporated
PAM8320
A PRODUCT LINE OF
DIODES INCORPORATED
Application Information
Input Capacitors (Ci)
In the typical application, an input capacitor Ci, is required to allow the amplifier to bias the input signal to the proper DC level for optimum
operation. In this case, Ci and the minimum input impedance Ri form is a high-pass filter with the corner frequency determined in the follow
equation:

C
1
f
2RiCi
It is important to consider the value of Ci as it directly affects the low frequency performance of the circuit. For example, when Ri is 40kΩ and the
specification calls for a flat bass response are down to 20Hz. The equation is reconfigured as followed to determine the value of Ci:

ic
1
Ci
2R f
When input resistance variation is considered Ci is 200nF, so one would likely choose a value of 220nF. A further consideration for this capacitor
is the leakage path from the input source through the input network (Ci, Ri and Rf) to the load. This leakage current creates a DC offset voltage at
the input to the amplifier that reduces useful headroom, especially in high gain applications. For this reason, a low-leakage tantalum or ceramic
capacitor is the best choice. When polarized capacitors are used, the positive side of the capacitor should face the amplifier input in most
applications as the DC level is held at VDD/2, which is likely higher than the source DC level. Please note that it is important to confirm the
capacitor polarity in the application.
Input Resistance
The value of the input resistance (Ri) of the amplifier is 40kΩ ±20%. If a single capacitor is added to the input of the high-pass filter the –3dB
cutoff frequency can be calculated using equation:

C
1
f
2RiCi
Gain Formula with External Input Resistor
The default gain of PAM8320 is 26dB. The gain can be reduced by adding one external resistor between input decoupling capacitor and IN PIN.
The gain formula is as below:
k
R
A
x
v
400
14
1
20
Note: Rx is external input resistor
Power and Heat Dissipation
Speakers must be chosen to withstand the large output power from the PAM8320, otherwise speaker damage may occur.
Heat dissipation is very important when the device works in full power operation. Two factors affect the heat dissipation, the efficiency of the
device that determines the dissipation power and the thermal resistance of the package that determines the heat dissipation capability.
The PAM8320 class-D amplifier is highly efficiency and should not need heat sink. Operating at higher powers a heat sink still may not be
necessary if the PCB is carefully designed to achieve good thermal dissipation.


Similar Part No. - PAM8320RDR

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
   Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
   FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8301AAF PAM-PAM8301AAF Datasheet
223Kb / 11P
   Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8301AAF DIODES-PAM8301AAF Datasheet
287Kb / 10P
   FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
PAM8302 ETC1-PAM8302 Datasheet
188Kb / 8P
   Tiny Package 2 Watt Class-D Audio Amplifiers With Enable
More results

Similar Description - PAM8320RDR

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP7747 MPS-MP7747 Datasheet
656Kb / 14P
   20W Class D Mono Single Ended Audio Amplifier
MP7720 MPS-MP7720 Datasheet
338Kb / 11P
   20W Class D Mono Single Ended Audio Amplifer
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
[Old version datasheet]   Class-D Mono Audio Amplifier
logo
STMicroelectronics
TDA7490L STMICROELECTRONICS-TDA7490L_05 Datasheet
242Kb / 11P
   20W 20W STEREO CLASS-D AMPLIFIER 40W MONO IN BTL
logo
Nuvoton Technology Corp...
NAU83P20 NUVOTON-NAU83P20 Datasheet
1Mb / 28P
   20W Stereo Class-D Audio Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
   FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
   Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8304 DIODES-PAM8304 Datasheet
413Kb / 11P
   3W MONO CLASS D AUDIO AMPLIFIER
PAM8013 DIODES-PAM8013 Datasheet
467Kb / 9P
   3W MONO CLASS D AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com