Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM8320 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PAM8320
Description  20W Mono Class D Audio Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8320 Datasheet(HTML) 4 Page - Diodes Incorporated

  PAM8320 Datasheet HTML 1Page - Diodes Incorporated PAM8320 Datasheet HTML 2Page - Diodes Incorporated PAM8320 Datasheet HTML 3Page - Diodes Incorporated PAM8320 Datasheet HTML 4Page - Diodes Incorporated PAM8320 Datasheet HTML 5Page - Diodes Incorporated PAM8320 Datasheet HTML 6Page - Diodes Incorporated PAM8320 Datasheet HTML 7Page - Diodes Incorporated PAM8320 Datasheet HTML 8Page - Diodes Incorporated PAM8320 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PAM8320
Document number: DS36610 Rev. 1 - 2
4 of 11
www.diodes.com
October 2013
© Diodes Incorporated
PAM8320
A PRODUCT LINE OF
DIODES INCORPORATED
Performance Characteristics (@TA = +25°C, VDD = 12V, Gain = 20dB, RL = L(33μH) + R + L(33μH), unless otherwise noted.)
THD+N Vs. Output Power (RL=4Ω)
THD+N Vs. Output Power (RL=8Ω)
THD+N Vs. Frequency
PSRR Vs. Frequency
Frequency Response
Noise Floor
0.04
50
0.1
0.2
0.5
1
2
5
10
20
%
1m
40
2m
5m
10m
20m
50m
100m
200m
500m
1
2
5
10
20
W
TT
TTT
T
0.03
60
0.05
0.1
0.2
0.5
1
2
5
10
20
%
1m
20
2m
5m
10m
20m
50m
100m
200m
500m
1
2
5
10
W
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
-80
+0
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
d
B
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
TTT
T
T
-130
+0
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
r
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
PO=1W/2W/3W
(Pink/Blue/Red)
+2 0
+3 0
+ 20.5
+2 1
+ 21.5
+2 2
+ 22.5
+2 3
+ 23.5
+2 4
+ 24.5
+2 5
+ 25.5
+2 6
+ 26.5
+2 7
+ 27.5
+2 8
+ 28.5
+2 9
+ 29.5
d
B
g
A
20
20k
50
100
200
500
1k
2k
5k
10 k
Hz


Similar Part No. - PAM8320

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
   Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
   FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8301AAF PAM-PAM8301AAF Datasheet
223Kb / 11P
   Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8301AAF DIODES-PAM8301AAF Datasheet
287Kb / 10P
   FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
PAM8302 ETC1-PAM8302 Datasheet
188Kb / 8P
   Tiny Package 2 Watt Class-D Audio Amplifiers With Enable
More results

Similar Description - PAM8320

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP7747 MPS-MP7747 Datasheet
656Kb / 14P
   20W Class D Mono Single Ended Audio Amplifier
MP7720 MPS-MP7720 Datasheet
338Kb / 11P
   20W Class D Mono Single Ended Audio Amplifer
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
[Old version datasheet]   Class-D Mono Audio Amplifier
logo
STMicroelectronics
TDA7490L STMICROELECTRONICS-TDA7490L_05 Datasheet
242Kb / 11P
   20W 20W STEREO CLASS-D AMPLIFIER 40W MONO IN BTL
logo
Nuvoton Technology Corp...
NAU83P20 NUVOTON-NAU83P20 Datasheet
1Mb / 28P
   20W Stereo Class-D Audio Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
   FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
   Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8304 DIODES-PAM8304 Datasheet
413Kb / 11P
   3W MONO CLASS D AUDIO AMPLIFIER
PAM8013 DIODES-PAM8013 Datasheet
467Kb / 9P
   3W MONO CLASS D AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com