Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


BCM846S Datasheet(PDF) 1 Page - Infineon Technologies AG

Part No. BCM846S
Description  NPN Silicon AF Transistor Array
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

   
 1 page
background image
Aug-30-2002
1
BCM846S
VPS05604
6
3
1
5
4
2
NPN Silicon AF Transistor Array
 Precision matched transistor pair: IC  10%
 For current mirror applications
 Low collector-emitter saturation voltage
 Two (galvanic) internal isolated Transistors
 Complementary type: BCM856S
EHA07178
6
54
3
2
1
C1
B2
E2
C2
B1
E1
TR1
TR2
Type
Marking
Pin Configuration
Package
BCM846S
1Ms
1=E1 2=B1 3=C2 4=E2 5=B2 6=C1 SOT363
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
65
V
Collector-emitter voltage
VCES
80
Collector-base voltage
VCBO
80
Emitter-base voltage
VEBO
6
Collector current
IC
100
mA
Peak collector current
ICM
200
Total power dissipation-
TS = 115 °C
Ptot
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
RthJS
140
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BCR19PNNPN/PNP Silicon Digital Transistor Array 1 2 3 4 5 Infineon Technologies AG
SEMH1NPN Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG
SMBTA06UPNNPN/PNP Silicon AF Transistor Array 1 2 3 4 5 Infineon Technologies AG
UPA1438HNPN SILICON EPITAXIAL POWER TRANSISTOR ARRAY LOW SPEED SWITCHING DARLINGTON 1 2 3 4 NEC
BCR22PNNPN/PNP Silicon Digital Transistor Array 1 2 3 4 5 Infineon Technologies AG
SEMH2NPN Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG
UPA1428ANPN SILICON POWER TRANSISTOR ARRAY HIGH SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE 1 2 3 4 5 MoreNEC
BCR108SNPN Silicon Digital Transistor Array Switching circuit inverter interface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group
BCR35PNNPN/PNP Silicon Digital Transistor Array 1 2 3 4 5 Infineon Technologies AG
SEMH4NPN Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl