Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


BCM846S Datasheet(PDF) 5 Page - Infineon Technologies AG

Part No. BCM846S
Description  NPN Silicon AF Transistor Array
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

   
 5 page
background image
Aug-30-2002
5
BCM846S
Transition frequency fT = (IC)
VCE = 5 V
10
10
10
10
EHP00363
f
mA
MHz
-1
0
1
2
5
T
3
10
10 2
1
10
5
5
5
Ι
C
Base-emitter saturation voltage
IC = (VBEsat), hFE = 20
0
10
EHP00364
BEsat
V
0.6
V
1.2
-1
100
101
2
10
5
5
Ι
C
mA
0.2
0.4
0.8
C
25
C
100 C
-50 C
Collector-emitter saturation voltage
IC = (VCEsat), hFE = 20
10
0
EHP00367
V
CEsat
10
mA
10
Ι
C
10
2
1
0
-1
5
5
V
0.3
0.5
100
25
-50
0.1
0.2
0.4
C
C
C
Collector current IC = (VBE)
0.4
0.5
0.6
0.7
0.8
V
1
VBE
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
A
1 V
5 V




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BCR19PNNPN/PNP Silicon Digital Transistor Array 1 2 3 4 5 Infineon Technologies AG
SEMH1NPN Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG
SMBTA06UPNNPN/PNP Silicon AF Transistor Array 1 2 3 4 5 Infineon Technologies AG
UPA1438HNPN SILICON EPITAXIAL POWER TRANSISTOR ARRAY LOW SPEED SWITCHING DARLINGTON 1 2 3 4 NEC
BCR22PNNPN/PNP Silicon Digital Transistor Array 1 2 3 4 5 Infineon Technologies AG
SEMH2NPN Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG
UPA1428ANPN SILICON POWER TRANSISTOR ARRAY HIGH SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE 1 2 3 4 5 MoreNEC
BCR108SNPN Silicon Digital Transistor Array Switching circuit inverter interface circuit driver circuit 1 2 3 4 Siemens Semiconductor Group
BCR35PNNPN/PNP Silicon Digital Transistor Array 1 2 3 4 5 Infineon Technologies AG
SEMH4NPN Silicon Digital Transistor Array Preliminary data 1 2 3 4 Infineon Technologies AG

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl