Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5519CJI3FN-G1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # CS5519CJI3FN-G1
Description  Enhanced Multi-touch Capacitive Touch Screen Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

CS5519CJI3FN-G1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  CS5519CJI3FN-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited CS5519CJI3FN-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited CS5519CJI3FN-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited CS5519CJI3FN-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited CS5519CJI3FN-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited CS5519CJI3FN-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited CS5519CJI3FN-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited CS5519CJI3FN-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited CS5519CJI3FN-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Data Sheet
Enhanced Multi-touch Capacitive Touch Screen Controller
CS5519
Apr. 2013
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
4
Pin Description
Pin Number
Pin Name
Pin
Type
Pin Function
QFN-7×7
-56
QFN-8×8
-68
1
1
P1.7/
TXD1/
PINT0.1/
EXTCLKIN/
T0
I/O
Port 1.7 GPIO
8051 P1.7 GPIO
TXD1
This pin also can be configured as TXD of UART 1
PINT0.1
This pin also can be configured as the expanded INT0
interrupt
External Clock Input
External clock input source.
T0 Timer 0 Input
This pin also can be configured as Timer 0 input
2
2
TESTEN
I
Test Mode Enable High Active
This pin has an internal weakly pull low resistor
connected.
If it is connected high, the chip enters into
Test Mode condition
3
3
P1.2/SDA
(open-
drain)
I/O
Port 1.2 GPIO
8051 P1.2 GPIO
SDA
This pin also can be configured as the SDA signal of
the I2C master or I2C slave controller. In this operation
mode,
this
pin
should
also
be
configured
as
bi-directional I/O with open-drain output
4
4
P1.3/SCL
(open-
drain)
I/O
Port 1.3 GPIO
8051 P1.3 GPIO
SCL
This pin also can be configured as the SCL signal of
the I
2C master or I2C slave controller. In I2C master
mode, this pin should be configured as open-drain
output. In I
2C slave, this pin should be configured as
input only
5
5
RSTN
I
Reset Low Active
Typically connect a resistor to VDD18 and a capacitor
to VSS
Low asserted and threshold at 0.5×VDD18. When forced
low, the chip enters into reset condition
This pin should not be connected to any level above
VDD18


Similar Part No. - CS5519CJI3FN-G1

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CS551 DFI-CS551 Datasheet
1Mb / 2P
   9th/8th Gen Intel Core 3.5CBS
CS551-C246-BCA DFI-CS551-C246-BCA Datasheet
1Mb / 2P
   9th/8th Gen Intel Core 3.5CBS
CS551-C246-ECA DFI-CS551-C246-ECA Datasheet
1Mb / 2P
   9th/8th Gen Intel Core 3.5CBS
CS551-H310-BCA DFI-CS551-H310-BCA Datasheet
1Mb / 2P
   9th/8th Gen Intel Core 3.5CBS
CS551-H310-ECA DFI-CS551-H310-ECA Datasheet
1Mb / 2P
   9th/8th Gen Intel Core 3.5CBS
More results

Similar Description - CS5519CJI3FN-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AUR3852 BCDSEMI-AUR3852 Datasheet
874Kb / 17P
   Enhanced Multi-touch Capacitive Touch Screen Controller
AP389X BCDSEMI-AP389X Datasheet
388Kb / 19P
   Enhanced Multi-touch Capacitive Touch Screen Controller
logo
Diodes Incorporated
AP386X DIODES-AP386X Datasheet
649Kb / 16P
   Superior Multi-touch Capacitive Touch Screen Controller
logo
Pixart Imaging Inc.
PCT1339 PIXART-PCT1339 Datasheet
1Mb / 25P
   Multi-Touch Capacitive Touch Controller
logo
List of Unclassifed Man...
FT5506 ETC2-FT5506 Datasheet
684Kb / 26P
   True Multi-Touch Capacitive Touch Panel Controller
FT5X06 ETC1-FT5X06 Datasheet
4Mb / 21P
   True Multi-Touch Capacitive Touch Panel Controller
ILI2113A ETC-ILI2113A Datasheet
456Kb / 14P
   Capacitive Touch Controller
V1.09 March 06,2013
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com