Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V20P30P Datasheet(PDF) 3 Page - Littelfuse

Part # V20P30P
Description  Reduced footprint and volume required for surge protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V20P30P Datasheet(HTML) 3 Page - Littelfuse

  V20P30P Datasheet HTML 1Page - Littelfuse V20P30P Datasheet HTML 2Page - Littelfuse V20P30P Datasheet HTML 3Page - Littelfuse V20P30P Datasheet HTML 4Page - Littelfuse V20P30P Datasheet HTML 5Page - Littelfuse V20P30P Datasheet HTML 6Page - Littelfuse V20P30P Datasheet HTML 7Page - Littelfuse V20P30P Datasheet HTML 8Page - Littelfuse V20P30P Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/04/15
Metal-Oxide Varistors (MOVs)
Radial Leaded Varistors > LV UltraMOVTM Varistor Series
Notes:
1. Average power dissipation of transients not to exceed 0.2W, 0.25W, 0.4W, 0.6W or 1W for model sizes 5mm, 7mm, 10mm, 14mm, and 20mm respectively.
2. 10mm, 14mm and 20mm devices are UL recognized with 800V isolation voltage rating.
Epoxy
Coated
Models
Phenolic
Coated
Models2
Size
Disc
Dia.
(mm)
Max
Continuous
Voltage
Varistor Voltage at
1mA
Maximum
Clamping
Voltage
Max Peak
Current
(8 x 20
µs
1 pulse)
Energy
Rating
(2ms,
1pulse)
Typical
Capaci-
tance
f = 1MHz
Part
Number
(Base part)
Branding
Part
Number
(Base part)
Branding
V
M(AC)RMS
V
M(DC)
V
NOM
Min
V
NOM
Nom
V
NOM
Max
V
C
I
PK
I
TM
W
TM
C
(V)
(V)
(V)
(V)
(V)
(V)
(A)
(A)
(J)
(pF)
V05E50P
P5E50
V05P50P
P5P50
5
50
65
73.8
82
90.2
135
5
800
5
350
V07E50P
P7E50
V07P50P
P7P50
7
50
65
73.8
82
90.2
135
10
1750
10
800
V10E50P
P10E50
V10P50P
P10P50
10
50
65
73.8
82
90.2
135
25
3500
20
1400
V14E50P
P14E50
V14P50P
P14P50
14
50
65
73.8
82
90.2
145
50
6500
40
3000
V20E50P
P20E50
V20P50P
P20P50
20
50
65
73.8
82
90.2
145
100
10000
80
6000
V05E60P
P5E60
V05P60P
P5P60
5
60
85
90
100
110
165
5
800
6
310
V07E60P
P7E60
V07P60P
P7P60
7
60
85
90
100
110
165
10
1750
12
700
V10E60P
P10E60
V10P60P
P10P60
10
60
85
90
100
110
165
25
3500
24
1200
V14E60P
P14E60
V14P60P
P14P60
14
60
85
90
100
110
175
50
6500
50
2500
V20E60P
P20E60
V20P60P
P20P60
20
60
85
90
100
110
175
100
10000
100
5200
V05E75P
P5E75
V05P75P
P5P75
5
75
100
108
120
132
205
5
800
7
260
V07E75P
P7E75
V07P75P
P7P75
7
75
100
108
120
132
205
10
1750
14
600
V10E75P
P10E75
V10P75P
P10P75
10
75
100
108
120
132
200
25
3500
29
1100
V14E75P
P14E75
V14P75P
P14P75
14
75
100
108
120
132
210
50
6500
60
2300
V20E75P
P20E75
V20P75P
P20P75
20
75
100
108
120
132
210
100
10000
120
4800
V05E95P
P5E95
V05P95P
P5P95
5
95
125
135
150
165
250
5
800
9
200
V07E95P
P7E95
V07P95P
P7P95
7
95
125
135
150
165
250
10
1750
18
520
V10E95P
P10E95
V10P95P
P10P95
10
95
125
135
150
165
250
25
3500
36
800
V14E95P
P14E95
V14P95P
P14P95
14
95
125
135
150
165
250
50
6500
75
1700
V20E95P
P20E95
V20P95P
P20P95
20
95
125
135
150
165
250
100
10000
150
3700


Similar Part No. - V20P30P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V20P11P LITTELFUSE-V20P11P Datasheet
778Kb / 2P
   Superior Peak Surge Current Ratings in Small Disc Sizes
logo
Vishay Siliconix
V20PL50-M3 VISHAY-V20PL50-M3 Datasheet
82Kb / 5P
   Trench MOS Schottky technology
Revision: 15-May-14
V20PL50-M3 VISHAY-V20PL50-M3 Datasheet
95Kb / 5P
   High Current Density Surface Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
V20PL50-M3 VISHAY-V20PL50-M3_15 Datasheet
73Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 15-May-14
V20PL50-M3 VISHAY-V20PL50-M3_V01 Datasheet
95Kb / 5P
   High Current Density Surface Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
More results

Similar Description - V20P30P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4238CZ10 NXP-IP4238CZ10 Datasheet
220Kb / 11P
   Surge protection for ethernet and telecom
Rev. 1-1 October 2012
logo
Weidmuller
0459460000 WEIDMULLER-0459460000 Datasheet
63Kb / 3P
   Surge protection for instrumentation and control
1064250000 WEIDMULLER-1064250000 Datasheet
743Kb / 7P
   Surge protection for instrumentation and control
September 18, 2021
logo
ABLE Power Products
AP5P277 ABLEPOWERPRODUCTS-AP5P277 Datasheet
305Kb / 1P
   Surge Protection for Protection of LED Drivers and Controls
2/16/2023
logo
OptoDiode Corp
NXIR-RF36 OPTODIODE-NXIR-RF36 Datasheet
221Kb / 2P
   Near Infrared Reduced Footprint Photodiode
NXIR-RF74 OPTODIODE-NXIR-RF74 Datasheet
217Kb / 2P
   Near Infrared Reduced Footprint Photodiode
logo
Pepperl+Fuchs Inc.
M-LB-1.150.M PF-M-LB-1.150.M Datasheet
580Kb / 2P
   Protection Module for Surge Protection Barrier
2022-01-13
M-LB-1.275.M PF-M-LB-1.275.M Datasheet
441Kb / 2P
   Protection Module for Surge Protection Barrier
2022-01-13
M-LB-2.150.T3.M PF-M-LB-2.150.T3.M Datasheet
512Kb / 2P
   Protection Module for Surge Protection Barrier
2022-01-13
M-LB-1.NPE.M PF-M-LB-1.NPE.M Datasheet
582Kb / 2P
   Protection Module for Surge Protection Barrier
2022-01-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com