Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

28-6556-41 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 28-6556-41
Description  Universal Test Socket Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

28-6556-41 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  28-6556-41 Datasheet HTML 1Page - Aries Electronics, Inc. 28-6556-41 Datasheet HTML 2Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2609 Bartram Road Bristol, PA 19007-6810 USA
TEL 215-781-9956 FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
10003
Rev. 1.2
1 of 2
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
FOR UNIVERSAL TEST SOCKET SERIES X55X: SEE DATA SHEET 10001
FOR HIGH-TEMP VERSION: SEE DATA SHEET 10002
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
FEATURES
• Sturdy,Open-frame,EasilyMountstoPCBoards
• EasyReplacementofTestSockets
• ThreadedInsertsatBothEndsoftheReceptacleprovidesFirmandPositiveConnectionforTestSocket
• Choiceof4ColletPinStylesmakestheReceptacleUsefulforAnyInterconnectionMethod
GENERAL SPECIFICATIONS
SOCKET BODY:blackUL94V-0glass-filledPolyphenyleneSulfide(PPS)
PIN BODY:Brass3601/2-hardperUNSC36000ASTMB16/B16M-05
PIN BODY PLATING:100µ[2.54µ]NiunderplateperSAEAMS-QQ-N-290,overplatedwitheither:200µ
[5.08µ]min.matteSnperASTMB545-97(2004)e1
–OR–200µ[5.08µ]min.93/7Sn/
PbperASTMB545
–OR–10µ[0.25µ]min.AuperMIL-G-45204
4-FINGER COLLET CONTACT:BeCuperUNSC17200ASTMB194-08
CONTACT PLATING:30µ[0.76µ]min.AuperMIL-G-45204over50µ[1.27µ]min.Niper
QQ-N-290
HARDWARE:StainlessSteelandNi-platedBrass
CONTACT CURRENT RATING:3amps
OPERATING TEMPERATURE:221°F[105°C]Snplating;302°F[150°C]Auplating
ACCEPTS LEADS:0.015-0.025[0.38-0.64]india.,0.110-0.150[2.54-3.81]long
INSERTION FORCE:180g/pin,basedon0.018[0.46]dia.testlead
WITHDRAWAL FORCE:90g/pin,basedon0.018[0.46]dia.testlead
NORMAL FORCE:140g/pin,basedon0.018[0.46]dia.testlead
MOUNTING CONSIDERATIONS
• See
DIMENSION TABLEbelow
Series 6556
Universal Test Socket Receptacle
ORDERING INFORMATION
XX-6556-1 X
Handle Options
0=SnBody;AuCollet
0TL=Sn/PbBody;AuCollet
1=AuBody;AuCollet
Pin Style (see Page 2)
1=SolderTail
2=2-levelWireWrap
3=3-levelWireWrap
4=SolderCup
Series
Pins
24, 28, 32, 36, 40, 42, 44, 48
# Pins
Dim. “A”
Dim. “B”
Dim. “C”
24
1.790 [45.47]
1.100 [27.94]
1.615 [41.02]
28
1.990 [50.55]
1.300 [33.02]
1.815 [46.10]
32
2.190 [55.63]
1.500 [38.10]
2.015 [51.18]
36
2.390 [60.71]
1.700 [43.18]
2.215 [56.26]
40
2.590 [65.79]
1.900 [48.26]
2.415 [61.34]
42
2.660 [67.56]
2.000 [50.80]
2.515 [63.88]
44
2.790 [70.87]
2.100 [53.34]
2.615 [66.42]
48
2.990 [75.85]
2.300 [58.42]
2.815 [71.50]


Similar Part No. - 28-6556-41

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
28-6556-41 ARIES-28-6556-41 Datasheet
705Kb / 2P
   Universal Test Socket Receptacle
More results

Similar Description - 28-6556-41

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
24-6556-10 ARIES-24-6556-10 Datasheet
705Kb / 2P
   Universal Test Socket Receptacle
10012 ARIES-10012 Datasheet
529Kb / 1P
   Universal PLCC ZIF Test Socket
10010 ARIES-10010 Datasheet
1Mb / 2P
   Universal PLCC ZIF Test Socket
24-3551-10 ARIES-24-3551-10 Datasheet
535Kb / 1P
   Universal Zero-Insertion-Force DIP Test Socket
20-537-20 ARIES-20-537-20 Datasheet
491Kb / 1P
   Insert Plates for Universal PLCC ZIF Test Socket
44-547-11 ARIES-44-547-11 Datasheet
733Kb / 1P
   Universal SOIC ZIF (Zero-Insertion-Force) Test Socket
84-537-21 ARIES-84-537-21 Datasheet
1Mb / 2P
   ?쁋ive Bug??Type Universal PLCC ZIF Test Socket
10001 ARIES-10001 Datasheet
722Kb / 1P
   Series 55 Universal Zero-Insertion-Force DIP Test Socket
24-3551-18 ARIES-24-3551-18 Datasheet
642Kb / 1P
   High-Temperature Universal Zero-Insertion-Force DIP Test Socket
10002 ARIES-10002 Datasheet
716Kb / 1P
   High-Temp Universal ZIF DIP Burn-in & Test Socket
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com