Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24-3554-18 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 24-3554-18
Description  High-Temp Universal ZIF DIP Burn-in & Test Socket
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

24-3554-18 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  24-3554-18 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2609 Bartram Road Bristol, PA 19007-6810 USA
TEL 215-781-9956 FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
10002HT
Rev. 1.8
1 of 1
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
DO NOT USE THIS SOCKET IN A BURN-IN OVEN WITH CONTACTS IN OPEN
POSITION, AS IT WILL DAMAGE THE SOCKET
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
FEATURES
• Acceptsdeviceson0.300to0.600[7.62to15.24]centers
• AllpincountsgointoPCBwitheither0.300or0.600[7.62or15.24]centers
• Contactsnormally-closedtoeliminatedependenceonplastictosustaincontactintegrity
• Sockethandleconfiguredwithclosedcontacts(on)whenintheUPorDOWNposition,andmounted
ontheRIGHTorLEFTsideofsocket
GENERAL SPECIFICATIONS
SOCKET BODY:naturalUL94V-0glass-filledPolyetheretherketone(PEEK)
HANDLE:StainlessSteel
CONTACTS:BeNi360,1/2hard
CONTACT PLATING:50μ[1.27μ]min.NiB
CONTACT CURRENT RATING:1amp
OPERATING TEMPERATURES:-67°Fto482°F[-55°Cto250°C]
RETENTION FORCE(closed):55g/pinbasedona0.020[0.51]dia.testlead
INSULATION RESISTANCE: 1000 MΩmin.
DIELECTRIC WITHSTANDING VOLTAGE:1000VAC
LIFE CYCLE:25,000to50,000cycles
ACCEPTS LEADS:0.014-0.045[0.38-1.14]wide,0.110-0.280[2.79-7.11]long
MOUNTING CONSIDERATIONS
• SeeSocketFootprintbelow
High-Temp (250°C) Universal ZIF DIP
Burn-in & Test Socket – (300°C Special Order)
ORDERING INFORMATION
XX-X55X-X X
Plating
8 = NiB
Termination
1=SolderPinTail
Handle Options
1=Leftupisclosed
2=Rightupisclosed
3=Leftdownisclosed
4=Rightdownisclosed(std)
Row-to-Row Spacing(btm)
3=0.300[7.62]
6=0.600[15.24]
No. of Pins
24,28,32,36,40,42,44,48


Similar Part No. - 24-3554-18

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
24-3554-18 ARIES-24-3554-18 Datasheet
642Kb / 1P
   High-Temperature Universal Zero-Insertion-Force DIP Test Socket
More results

Similar Description - 24-3554-18

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AXS-1147-02-02 ABRACON-AXS-1147-02-02 Datasheet
419Kb / 1P
   CRYSTAL TEST & BURN IN SOCKET
08.21.09
AXS-1155-04-01 ABRACON-AXS-1155-04-01 Datasheet
410Kb / 1P
   CRYSTAL TEST & BURN-IN SOCKET
07.10.09
AXS-7050-06-13 ABRACON-AXS-7050-06-13 Datasheet
411Kb / 1P
   CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.13.09
logo
Aries Electronics, Inc.
10010 ARIES-10010 Datasheet
1Mb / 2P
   Universal PLCC ZIF Test Socket
10012 ARIES-10012 Datasheet
529Kb / 1P
   Universal PLCC ZIF Test Socket
logo
Abracon Corporation
AXS-7550-06-03 ABRACON-AXS-7550-06-03 Datasheet
412Kb / 1P
   CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.13.09
AXS-2520-04-01 ABRACON-AXS-2520-04-01 Datasheet
403Kb / 1P
   CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.10.09
logo
Aries Electronics, Inc.
10002HT ARIES-10002HT Datasheet
716Kb / 1P
   High-Temp 250째C Universal ZIF DIPBurn-in & Test Socket ??300째C Special Order
10004HT ARIES-10004HT Datasheet
1Mb / 2P
   High-Temp PGA ZIF Test & Burn-in Socket for Footprints on Std 8x8 to 21x21 Grid
24-3551-10 ARIES-24-3551-10 Datasheet
535Kb / 1P
   Universal Zero-Insertion-Force DIP Test Socket
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com