Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V14E40P Datasheet(PDF) 6 Page - Littelfuse

Part # V14E40P
Description  Reduced footprint and volume required for surge protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V14E40P Datasheet(HTML) 6 Page - Littelfuse

Back Button V14E40P Datasheet HTML 2Page - Littelfuse V14E40P Datasheet HTML 3Page - Littelfuse V14E40P Datasheet HTML 4Page - Littelfuse V14E40P Datasheet HTML 5Page - Littelfuse V14E40P Datasheet HTML 6Page - Littelfuse V14E40P Datasheet HTML 7Page - Littelfuse V14E40P Datasheet HTML 8Page - Littelfuse V14E40P Datasheet HTML 9Page - Littelfuse V14E40P Datasheet HTML 10Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
© 2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/04/15
Metal-Oxide Varistors (MOVs)
Radial Leaded Varistors > LV UltraMOVTM Varistor Series
V05x50P - V05x95P
2000
1000
500
200
PEAK AMPERES (A)
0.01
0.1
110100
1000
100
0.001
0.0001
V0
5x6
0P
V0
5x5
0P
MAX CLAMPING VOLTAGE
MODEL SIZE 5mm
V05x95P
V05x75P
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
10-3
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 7mm
4,000
3,000
2,000
1,000
900
800
700
600
500
400
300
200
100
104
V07x95P
V07x75P
V07x60P
V07x50P
V07x50P - V07x95P
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
10-3
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 10mm
4,000
3,000
2,000
1,000
900
800
700
600
500
400
300
200
100
104
V10x95P
V10x75P
V10x60P
V10x50P
V10x50P - V10x95P
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
10-3
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 14mm
4,000
3,000
2,000
1,000
900
800
700
600
500
400
300
200
100
104
V14x95P
V14x75P
V14x60P
V14x50P
V14x50P - V14x95P
Maximum Clamping Voltage for 5mm Parts
Maximum Clamping Voltage for 10mm Parts
Maximum Clamping Voltage for 20mm Parts
Maximum Clamping Voltage for 7mm Parts
Maximum Clamping Voltage for 14mm Parts
10-3
10-2
10-1
100
101
102
104
103
1,000
500
300
200
30
PEAK AMPERES (A)
V20x50P
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 20mm
V20x95P
V20x75P
100
50
V20x60P
V20x50P - V20x95P


Similar Part No. - V14E40P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V14E420 LITTELFUSE-V14E420 Datasheet
1Mb / 12P
   Varistor Products - High Surge Current, Radial Lead
V14E420P LITTELFUSE-V14E420P Datasheet
1Mb / 12P
   Varistor Products - High Surge Current, Radial Lead
V14E420P LITTELFUSE-V14E420P Datasheet
784Kb / 11P
   Radial Lead Varistors
V14E420P LITTELFUSE-V14E420P Datasheet
784Kb / 11P
   UltraMOV Varistor Series
V14E420P LITTELFUSE-V14E420P Datasheet
1,011Kb / 11P
   UltraMOV??Varistor Series
More results

Similar Description - V14E40P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4238CZ10 NXP-IP4238CZ10 Datasheet
220Kb / 11P
   Surge protection for ethernet and telecom
Rev. 1-1 October 2012
logo
Weidmuller
0459460000 WEIDMULLER-0459460000 Datasheet
63Kb / 3P
   Surge protection for instrumentation and control
1064250000 WEIDMULLER-1064250000 Datasheet
743Kb / 7P
   Surge protection for instrumentation and control
September 18, 2021
logo
ABLE Power Products
AP5P277 ABLEPOWERPRODUCTS-AP5P277 Datasheet
305Kb / 1P
   Surge Protection for Protection of LED Drivers and Controls
2/16/2023
logo
OptoDiode Corp
NXIR-RF36 OPTODIODE-NXIR-RF36 Datasheet
221Kb / 2P
   Near Infrared Reduced Footprint Photodiode
NXIR-RF74 OPTODIODE-NXIR-RF74 Datasheet
217Kb / 2P
   Near Infrared Reduced Footprint Photodiode
logo
Pepperl+Fuchs Inc.
M-LB-1.150.M PF-M-LB-1.150.M Datasheet
580Kb / 2P
   Protection Module for Surge Protection Barrier
2022-01-13
M-LB-1.275.M PF-M-LB-1.275.M Datasheet
441Kb / 2P
   Protection Module for Surge Protection Barrier
2022-01-13
M-LB-2.150.T3.M PF-M-LB-2.150.T3.M Datasheet
512Kb / 2P
   Protection Module for Surge Protection Barrier
2022-01-13
M-LB-1.NPE.M PF-M-LB-1.NPE.M Datasheet
582Kb / 2P
   Protection Module for Surge Protection Barrier
2022-01-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com