Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V10E11P Datasheet(PDF) 8 Page - Littelfuse

Part # V10E11P
Description  Reduced footprint and volume required for surge protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V10E11P Datasheet(HTML) 8 Page - Littelfuse

Back Button V10E11P Datasheet HTML 4Page - Littelfuse V10E11P Datasheet HTML 5Page - Littelfuse V10E11P Datasheet HTML 6Page - Littelfuse V10E11P Datasheet HTML 7Page - Littelfuse V10E11P Datasheet HTML 8Page - Littelfuse V10E11P Datasheet HTML 9Page - Littelfuse V10E11P Datasheet HTML 10Page - Littelfuse V10E11P Datasheet HTML 11Page - Littelfuse V10E11P Datasheet HTML 12Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
© 2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/04/15
Metal-Oxide Varistors (MOVs)
Radial Leaded Varistors > LV UltraMOVTM Varistor Series
Repetitive Surge Capability for 5mm Parts
Repetitive Surge Capability for 10mm Parts
Repetitive Surge Capability for 20mm Parts
Repetitive Surge Capability for 7mm Parts
Repetitive Surge Capability for 14mm Parts
V05x50P - V05x95P
V10x50P - V10x95P
V20x50P - V20x95P
V07x50P - V07x95P
V14x50P - V14x95P
Impulse Duration (µs)
0.1
1
10
100
1000
10
100100010000
1x
2x
15x
102x
103x
104x
105x
106x
Impulse Duration (µs)
1
10
100
1000
10000
10
100100010000
1x
2x
15x
102x
103x
104x
105x
106x
Impulse Duration (µs)
1
10
100
1000
10000
10
100100010000
1x
2x
15x
102x
103x
104x
105x
106x
Impulse Duration (µs)
1
10
100
1000
10000
10
100100010000
1x
2x
15x
102x
103x
104x
105x
106x
Impulse Duration (µs)
1
10
100
1000
10000
10
100100010000
1x
2x
15x
102x
103x
104x
105x
106x


Similar Part No. - V10E11P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V10E11P LITTELFUSE-V10E11P Datasheet
778Kb / 2P
   Superior Peak Surge Current Ratings in Small Disc Sizes
More results

Similar Description - V10E11P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4238CZ10 NXP-IP4238CZ10 Datasheet
220Kb / 11P
   Surge protection for ethernet and telecom
Rev. 1-1 October 2012
logo
Weidmuller
0459460000 WEIDMULLER-0459460000 Datasheet
63Kb / 3P
   Surge protection for instrumentation and control
1064250000 WEIDMULLER-1064250000 Datasheet
743Kb / 7P
   Surge protection for instrumentation and control
September 18, 2021
logo
ABLE Power Products
AP5P277 ABLEPOWERPRODUCTS-AP5P277 Datasheet
305Kb / 1P
   Surge Protection for Protection of LED Drivers and Controls
2/16/2023
logo
OptoDiode Corp
NXIR-RF36 OPTODIODE-NXIR-RF36 Datasheet
221Kb / 2P
   Near Infrared Reduced Footprint Photodiode
NXIR-RF74 OPTODIODE-NXIR-RF74 Datasheet
217Kb / 2P
   Near Infrared Reduced Footprint Photodiode
logo
Pepperl+Fuchs Inc.
M-LB-1.150.M PF-M-LB-1.150.M Datasheet
580Kb / 2P
   Protection Module for Surge Protection Barrier
2022-01-13
M-LB-1.275.M PF-M-LB-1.275.M Datasheet
441Kb / 2P
   Protection Module for Surge Protection Barrier
2022-01-13
M-LB-2.150.T3.M PF-M-LB-2.150.T3.M Datasheet
512Kb / 2P
   Protection Module for Surge Protection Barrier
2022-01-13
M-LB-1.NPE.M PF-M-LB-1.NPE.M Datasheet
582Kb / 2P
   Protection Module for Surge Protection Barrier
2022-01-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com