Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54ACQ573D Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACQ573D
Description  Quiet Series Octal Latch with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACQ573D Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54ACQ573D Datasheet HTML 1Page - National Semiconductor (TI) 54ACQ573D Datasheet HTML 2Page - National Semiconductor (TI) 54ACQ573D Datasheet HTML 3Page - National Semiconductor (TI) 54ACQ573D Datasheet HTML 4Page - National Semiconductor (TI) 54ACQ573D Datasheet HTML 5Page - National Semiconductor (TI) 54ACQ573D Datasheet HTML 6Page - National Semiconductor (TI) 54ACQ573D Datasheet HTML 7Page - National Semiconductor (TI) 54ACQ573D Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
54ACQ573
54ACTQ573
Quiet Series Octal Latch with TRI-STATE® Outputs
General Description
The ’ACQ/’ACTQ573 is a high-speed octal latch with buff-
ered common Latch Enable (LE) and buffered common Out-
put Enable (OE) inputs. The ’ACQ/’ACTQ573 is functionally
identical to the ’ACQ/’ACTQ373 but with inputs and outputs
on opposite sides of the package. The ’ACQ/’ACTQ utilizes
NSC Quiet Series technology to guarantee quiet output
switching and improved dynamic threshold performance.
FACT Quiet Seriesfeatures GTOoutput control and un-
dershoot corrector in addition to a split ground bus for supe-
rior performance.
Features
n ICC and IOZ reduced by 50%
n Guaranteed simultaneous switching noise level and
dynamic threshold performance
n Improved latch-up immunity
n Inputs and outputs on opposite sides of package allow
easy interface with microprocessors
n Outputs source/sink 24 mA
n Faster prop delays than standard ’ACT573
n 4 kV minimum ESD immunity
n Standard Microcircuit Drawing (SMD)
— ’ACTQ573: 5962-92194
— ’ACQ573: 5962-92180
Logic Symbols
Pin Names
Description
D
0–D7
Data Inputs
LE
Latch Enable Input
OE
TRI-STATE Output Enable Input
O
0–O7
TRI-STATE Latch Outputs
GTOis a trademark of National Semiconductor Corporation.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
FACT® is a registered trademark of Fairchild Semiconductor Corporation.
FACT Quiet Seriesis a trademark of Fairchild Semiconductor Corporation.
DS100242-1
IEEE/IEC
DS100242-2
August 1998
© 1998 National Semiconductor Corporation
DS100242
www.national.com


Similar Part No. - 54ACQ573D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54ACQ573 TI1-54ACQ573 Datasheet
213Kb / 10P
[Old version datasheet]   Quiet Series Octal Latch with TRI-STATE Outputs
More results

Similar Description - 54ACQ573D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54ACQ573 TI1-54ACQ573 Datasheet
213Kb / 10P
[Old version datasheet]   Quiet Series Octal Latch with TRI-STATE Outputs
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
54ACTQ533 NSC-54ACTQ533 Datasheet
156Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACQ573 FAIRCHILD-74ACQ573 Datasheet
126Kb / 12P
   Quiet Series Octal Latch with 3-STATE Outputs
74ACQ573 FAIRCHILD-74ACQ573_07 Datasheet
325Kb / 13P
   Quiet Series??Octal Latch with 3-STATE Outputs
74ACTQ563 FAIRCHILD-74ACTQ563 Datasheet
58Kb / 7P
   Quiet Series??Octal Latch with 3-STATE Outputs
logo
National Semiconductor ...
54ACT563 NSC-54ACT563 Datasheet
159Kb / 6P
   Octal Latch with TRI-STATE Outputs
54ACT573 NSC-54ACT573 Datasheet
159Kb / 10P
   Octal Latch with TRI-STATE Outputs
54ACTQ543 NSC-54ACTQ543 Datasheet
156Kb / 10P
   Quiet Series Octal Registered Transceiver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com