Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC72AY-1 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LC72AY-1
Description  Komatsulite??LC Series Breaker
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LC72AY-1 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LC72AY-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC72AY-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC72AY-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC72AY-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers LC72AY-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Typical Part Marking
Wiring Recommendations
This is not a surface mount device for reflow soldering. Therefore, Ni tab wiring should be accomplished by either resistance or laser welding.
Solder connections should be avoided.
Japan: Tel: +81-6 6319 2281 • Fax: +81-6 6319 2284
Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
EMEA: Tel: +36 88 520 390 • Fax: +36 88 520 211
The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com/komatsulite
12510-I
**
LC72AY-1
DATE CODE:
MONTH (1~9, X, Y, Z)
DATE
YEAR
MACHINE NO.
ROMAN NUMERAL (I, II, III, ETC.) = OKAYAMA FACTORY
ARABIC NUMERAL (1, 2, 3, ETC.) = SHIGA FACTORY
MANUFACTURER’S TRADEMARK
DIRECTION MARK
(ALPHANUMERIC
CHARACTER)
TERMINAL TYPE
MANUFACTURER’S INTERNAL CODE
ARM MATERIAL
(A = Cu ALLOY)
TRIP TEMPERATURE - °C
(72, 77, 82, 85)
SERIES DESIGNATOR
MF-NSMF Series - PTC Resettable Fuses
KomatsuliteLC Series Breaker
Standard Packaging Specifications
Plastic Bag.......................................................................................................................................................................5,000 pcs. (fixed)
Inner Box .........................................................................................................................................................................5,000 pcs. (fixed)
Outer Box ....................................................................................................................................50,000 pcs. max. (up to 10 inner boxes)


Similar Part No. - LC72AY-1

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7200 SANYO-LC7200 Datasheet
608Kb / 16P
   C-MOS LSI
LC7201 SANYO-LC7201 Datasheet
608Kb / 16P
   C-MOS LSI
LC7203 SANYO-LC7203 Datasheet
608Kb / 16P
   C-MOS LSI
LC7207 SANYO-LC7207 Datasheet
608Kb / 16P
   C-MOS LSI
logo
Seoul Semiconductor
LC720Z SEOUL-LC720Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
More results

Similar Description - LC72AY-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HC72AY-1 ETC2-HC72AY-1 Datasheet
707Kb / 5P
   Komatsulite HC Series Breaker
KCA72AB0 ETC2-KCA72AB0 Datasheet
722Kb / 5P
   Komatsulite??KCA Series A-Type Breaker
NR72AB0 ETC2-NR72AB0 Datasheet
734Kb / 5P
   Komatsulite??NR Series A-Type Breaker
NR72CB0 ETC2-NR72CB0 Datasheet
739Kb / 5P
   Komatsulite??NR Series C-Type Breaker
logo
Bourns Electronic Solut...
AA72AB0 BOURNS-AA72AB0 Datasheet
469Kb / 5P
   Formerly KOMATSULITE a product
logo
Sharma Electro Componen...
LC SHARMA-LC Datasheet
331Kb / 2P
   LC Series
logo
Littelfuse
LC103J2G LITTELFUSE-LC103J2G Datasheet
194Kb / 2P
   LC Series Miniature Thermistors
Revised: March 23, 2021
logo
List of Unclassifed Man...
TXM-315-LC ETC2-TXM-315-LC Datasheet
368Kb / 11P
   LC SERIES TRANSMITTER MODULE
logo
Molex Electronics Ltd.
0885236604 MOLEX10-0885236604 Datasheet
96Kb / 2P
   LC-to-LC, Multimode
logo
List of Unclassifed Man...
RXM-315-LC-S ETC2-RXM-315-LC-S Datasheet
380Kb / 9P
   LC SERIES RECEIVER MODULE DATA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com