Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZHBL5006P2T5G Datasheet(PDF) 1 Page - ON Semiconductor

Part # SZHBL5006P2T5G
Description  LED Shunt HBL5006 Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZHBL5006P2T5G Datasheet(HTML) 1 Page - ON Semiconductor

  SZHBL5006P2T5G Datasheet HTML 1Page - ON Semiconductor SZHBL5006P2T5G Datasheet HTML 2Page - ON Semiconductor SZHBL5006P2T5G Datasheet HTML 3Page - ON Semiconductor SZHBL5006P2T5G Datasheet HTML 4Page - ON Semiconductor SZHBL5006P2T5G Datasheet HTML 5Page - ON Semiconductor SZHBL5006P2T5G Datasheet HTML 6Page - ON Semiconductor SZHBL5006P2T5G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2014
August, 2014 − Rev. 0
1
Publication Order Number:
HBL5006/D
HBL5006 Series
LED Shunt
The HBL5006 Series are electronic shunts which provide a current
bypass in the case of LEDs going into open circuit. LEDs are by nature
quite fragile when subjected to transients and surge conditions. There
are also many cases where high reliability of the LED lighting must be
maintained such as in headlights, lighthouses, bridges, aircraft, runways
and so forth. In these cases the low cost addition of the shunt device will
provide full assurance that an entire string of LEDs will not extinguish
should one LED fail open. The shunt device is also applicable to other
loads where circuit continuity is required. The devices are designed to
be used with LED string currents from 50 to 350 mA.
Features
Protection for the Following IEC Standards:
IEC 61000−4−2 (Level 4)
ISO 10605
Low ESD Clamping Voltage
Automatically Resets Itself if the LED Heals Itself or is Replaced
ON−State Voltage Typically 1.1 V
OFF−State Current less than 1.0 mA
SZ Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
Typical Applications
LEDs where Preventive Maintenance is Impractical
LED Headlights in Automobiles
Automotive LED Applications
LEDs with High Reliability Requirements
Crowbar Protection for Open Circuit Conditions
Overvoltage Protection for Sensitive Circuits
http://onsemi.com
Control
Circuit
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
XX
= Specific Device Code
M
= Date Code
SOD−323
CASE 477
SOD−523
CASE 502
SOD−923
CASE 514AB
HD
M
56
12
LD M
+
HBL5006
1
2
1
2
HBL5006
1
2
Apply heat sinking to pin 2
ESD


Similar Part No. - SZHBL5006P2T5G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SZH-002 ETC-SZH-002 Datasheet
163Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
SZH-002T-P0.5 ETC2-SZH-002T-P0.5 Datasheet
163Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
SZH-002T-P0.5 ETC2-SZH-002T-P0.5 Datasheet
112Kb / 3P
   1.5mm pitch/Disconnectable Crimp style connectors
SZH-002T-P0.5 ETC2-SZH-002T-P0.5 Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SZH-002T-P0.5 ETC2-SZH-002T-P0.5 Datasheet
224Kb / 8P
   APPLICATION TOOLING
More results

Similar Description - SZHBL5006P2T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD4700 ONSEMI-NUD4700_17 Datasheet
112Kb / 6P
   LED Shunt
January, 2017 ??Rev. 11
HBL1015 ONSEMI-HBL1015 Datasheet
68Kb / 5P
   LED Shunt
June, 2015 ??Rev. 4
NUD4700 ONSEMI-NUD4700 Datasheet
146Kb / 6P
   LED Shunt
March, 2010 ??Rev. 8
logo
Bourns Electronic Solut...
LSP0600AJR-S BOURNS-LSP0600AJR-S Datasheet
281Kb / 3P
   LSPxxxxAJR Series LED Shunt Protector
LSP0600AJR-S BOURNS-LSP0600AJR-S Datasheet
281Kb / 3P
   LED Shunt Protector
logo
Shanghai Leiditech Elec...
PLED36CA LEIDITECH-PLED36CA Datasheet
570Kb / 3P
   LED Shunt Protection
logo
Bourns Electronic Solut...
LSP0600BJR-S BOURNS-LSP0600BJR-S Datasheet
293Kb / 6P
   LED Shunt Protector
LSP0600 BOURNS-LSP0600 Datasheet
281Kb / 3P
   LED Shunt Protector
logo
Shanghai Leiditech Elec...
PLED09CB LEIDITECH-PLED09CB Datasheet
604Kb / 3P
   LED Shunt Protection
PLED06CA LEIDITECH-PLED06CA Datasheet
568Kb / 3P
   LED Shunt Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com