Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP2110 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # CP2110
Description  SINGLE-CHIP HID USB TO UART BRIDGE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2110 Datasheet(HTML) 4 Page - Silicon Laboratories

  CP2110 Datasheet HTML 1Page - Silicon Laboratories CP2110 Datasheet HTML 2Page - Silicon Laboratories CP2110 Datasheet HTML 3Page - Silicon Laboratories CP2110 Datasheet HTML 4Page - Silicon Laboratories CP2110 Datasheet HTML 5Page - Silicon Laboratories CP2110 Datasheet HTML 6Page - Silicon Laboratories CP2110 Datasheet HTML 7Page - Silicon Laboratories CP2110 Datasheet HTML 8Page - Silicon Laboratories CP2110 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
CP2110
4
Rev. 1.2
1. System Overview
The CP2110 is a highly-integrated HID USB-to-UART Bridge Controller providing a simple solution for updating
RS-232 designs to USB using a minimum of components and PCB space. The CP2110 includes a USB 2.0 full-
speed function controller, USB transceiver, oscillator, one-time programmable ROM, and an asynchronous serial
data bus (UART) in compact 4 x 4 mm QFN24 and 5 x 5 mm QFN28 packages (sometimes called “MLF” or
“MLP”).
The on-chip, one-time programmable ROM provides the option to customize the USB Vendor ID, Product ID,
Manufacturer Product String, Product Description String, Power Descriptor, Device Release Number, Device Serial
Number, and GPIO configuration as desired for OEM applications.
The CP2110 uses the standard USB HID device class which is natively supported by most operating systems. A
custom driver does not need to be installed for this device. Windows applications communicate with the CP2110
through a Windows DLL which is provided by Silicon Labs. The interface specification for the CP2110 is also
available to enable development of an API for any operating system that supports HID.
Note: The CP2110 devices will not enumerate as a standard HID mouse or keyboard.
The CP2110 UART interface implements all RS-232 signals, including control and hardware handshaking, so
existing system firmware does not need to be modified. The UART capabilities of the CP2110 include baud rate
support from 300 to 1 Mbps, hardware flow control, support for 5-8 data bits, 5 types of parity and RS-485 support.
The device also features a total of 10 GPIO signals that are user-defined for status and control information. Six of
the GPIO signals support alternate features including hardware flow control (RTS and CTS), a configurable clock
output (24 MHz to 47 kHz), RS-485 transceiver control, and TX and RX LED toggle. On the –GM packages,
support for I/O interface voltages down to 1.8 V is provided via a VIO pin. On the -GM1 packages, the VIO pin is
internally tied to VDD.
An evaluation kit for the CP2110 (Part Number: CP2110EK) is available. It includes a CP2110-based USB-to-
UART/RS-232 evaluation board, Windows DLL and test application, USB and RS-232 cables, and full
documentation. See www.silabs.com for the latest application notes and product support information for the
CP2110. Contact a Silicon Labs sales representatives or go to www.silabs.com to order the CP2110 Evaluation Kit.


Similar Part No. - CP2110

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2110 SILABS-CP2110 Datasheet
322Kb / 30P
   DEVICE CUSTOMIZATION GUIDE
CP2110 SILABS-CP2110 Datasheet
198Kb / 54P
   HID-TO-UART API SPECIFICATION
CP2110 SILABS-CP2110 Datasheet
183Kb / 34P
   INTERFACE SPECIFICATION
CP2110 SILABS-CP2110 Datasheet
745Kb / 45P
   DEVICE CUSTOMIZATION GUIDE
CP2110-EK SILABS-CP2110-EK Datasheet
287Kb / 10P
   Quick Start Guide
More results

Similar Description - CP2110

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT42B564-1 HOLTEK-HT42B564-1 Datasheet
1Mb / 13P
   USB (HID) to UART Bridge IC
HT42B564-X HOLTEK-HT42B564-X Datasheet
1Mb / 13P
   USB (HID) to UART Bridge IC
logo
Future Technology Devic...
FT260Q-R FTDI-FT260Q-R Datasheet
2Mb / 61P
   HID-class USB to UART/I2C Bridge IC
logo
List of Unclassifed Man...
CP2101 ETC-CP2101 Datasheet
348Kb / 14P
   Single-Chip USB to UART Bridge
CP2103 ETC1-CP2103 Datasheet
399Kb / 18P
   SINGLE-CHIP USB TO UART BRIDGE
logo
Silicon Laboratories
CP2102 SILABS-CP2102 Datasheet
408Kb / 18P
   SINGLE-CHIP USB TO UART BRIDGE
logo
Future Technology Devic...
FT260S-U FTDI-FT260S-U Datasheet
2Mb / 61P
   HID-class USB to UART/I2C Bridge IC
T260Q-T FTDI-T260Q-T Datasheet
2Mb / 61P
   HID-class USB to UART/I2C Bridge IC
logo
Silicon Laboratories
CP2101-GMR SILABS-CP2101-GMR Datasheet
445Kb / 20P
   Single-Chip USB to UART Bridge
CP2103 SILABS-CP2103 Datasheet
417Kb / 20P
   SINGLE-CHIP USB TO UART BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com