Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM8008 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PAM8008
Description  3W STEREO CLASS-D with DC VOLUME, POWER LIMIT and ANTI-SATURATION
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8008 Datasheet(HTML) 4 Page - Diodes Incorporated

  PAM8008 Datasheet HTML 1Page - Diodes Incorporated PAM8008 Datasheet HTML 2Page - Diodes Incorporated PAM8008 Datasheet HTML 3Page - Diodes Incorporated PAM8008 Datasheet HTML 4Page - Diodes Incorporated PAM8008 Datasheet HTML 5Page - Diodes Incorporated PAM8008 Datasheet HTML 6Page - Diodes Incorporated PAM8008 Datasheet HTML 7Page - Diodes Incorporated PAM8008 Datasheet HTML 8Page - Diodes Incorporated PAM8008 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PAM8008
Document number: DSxxxxx Rev. 1 - 0
4 of 14
www.diodes.com
October 2012
© Diodes Incorporated
PAM8008
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, VDD = 5V, Gain = Maximum, RL = 8Ω, unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Voltage Range
VDD
2.5
5.5
V
Quiescent Current
IQ
No Load
8
mA
Output Offset Voltage
VOS
No Load
10
mV
Drain-Source On-State Resistance
RDS(ON)
IDS = 0.5A
P MOSFET
0.31
N MOSFET
0.21
Output Power
PO
THD+N = 1%
f = 1kHz
RL = 8Ω
1.4
W
RL = 4Ω
2.4
Total Harmonic Distortion Plus Noise
THD+N
RL = 8Ω, PO = 0.85W, f = 1KHz
0.08
%
RL = 4Ω, PO = 1.75, f = 1KHz
0.08
Power Supply Ripple Rejection
PSRR
Input AC-GND, f = 1KHz, VPP = 200mV
70
dB
Channel Separation
CS
PO = 1W, f = 1KHz
-95
dB
Oscillator Frequency
fOSC
200
250
300
kHz
Efficiency
η
PO = 1.1W, f =1 kHz, RL = 8Ω
87
%
PO = 2.4W, f =1 kHz, RL = 4Ω
83
%
Noise
VN
Input AC-GND
A-Weighting
60
µV
No A-Weighting
80
Signal Noise Ratio
SNR
f = 20 - 20kHz, THD = 1%
95
dB
Turn-On Time
TON
VDD = 5V, CBYP = 1µF
1.2
S
Mute Current
IMUTE
MUTE = VDD
4
10
mA
Shutdown Current
ISD
VSD = 0V
1
µA
Logic Input High
VIH
1.4
V
Logic Input Low
VIL
0.6
Over Temperature Protection
OTP
150
°C
Over Temperature Hysteresis
OTH
40
°C


Similar Part No. - PAM8008

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8001 PAM-PAM8001 Datasheet
89Kb / 1P
   Anti-Saturation Filterless 2W Class-D Stereo Amplifier with DC VolumeControl
logo
Diodes Incorporated
PAM8001 DIODES-PAM8001 Datasheet
716Kb / 17P
   ANTI-SATURATION FILTERLESS 2W CLASS-D STEREO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8001NHR PAM-PAM8001NHR Datasheet
89Kb / 1P
   Anti-Saturation Filterless 2W Class-D Stereo Amplifier with DC VolumeControl
logo
Diodes Incorporated
PAM8001NHR DIODES-PAM8001NHR Datasheet
716Kb / 17P
   ANTI-SATURATION FILTERLESS 2W CLASS-D STEREO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8001XHR PAM-PAM8001XHR Datasheet
89Kb / 1P
   Anti-Saturation Filterless 2W Class-D Stereo Amplifier with DC VolumeControl
More results

Similar Description - PAM8008

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8010 PAM-PAM8010 Datasheet
1Mb / 17P
   3W Stereo Class-D with DC Volume, Headphone and Power Limit
logo
Diodes Incorporated
PAM8010 DIODES-PAM8010 Datasheet
574Kb / 17P
   3W STEREO CLASS-D DC VOLUME, HEADPHONE and POWER LIMIT
PAM8603A DIODES-PAM8603A Datasheet
545Kb / 16P
   ANTI-SATURATION FILTERLESS 3W CLASS-D STEREO AMPLIFIER WITH DC VOLUME CONTROL AND HEADPHONE OUTPUT
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
   3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Anpec Electronics Corop...
APA2603 ANPEC-APA2603 Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
logo
Princeton Technology Co...
PT2812 PTC-PT2812 Datasheet
210Kb / 5P
   3W Stereo Class-D Amplifier with 3 Inputs and Volume
logo
Power Analog Micoelectr...
PAM8603M PAM-PAM8603M Datasheet
237Kb / 14P
   3W Filterless Stereo Class-D Audio Amplifier with DC Volume Control
PAM8001 PAM-PAM8001 Datasheet
89Kb / 1P
   Anti-Saturation Filterless 2W Class-D Stereo Amplifier with DC VolumeControl
PAM8007 PAM-PAM8007 Datasheet
968Kb / 16P
   Filterless 3W Class-D Stereo Audio Amplifier with DC Volume Control and Headphone Output
logo
Shenzhenshi YONGFUKANG ...
HT6809 YONGFUKANG-HT6809 Datasheet
653Kb / 13P
   3W with Digital Volume Control / Anti-Cut Top Ultra Low EMI Stereo Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com