Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BBY58-02V Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BBY58-02V
Description  Silicon Tuning Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BBY58-02V Datasheet(HTML) 2 Page - Infineon Technologies AG

  BBY58-02V Datasheet HTML 1Page - Infineon Technologies AG BBY58-02V Datasheet HTML 2Page - Infineon Technologies AG BBY58-02V Datasheet HTML 3Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Jul-25-2003
2
BBY58...
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Reverse current
VR = 8 V
VR = 8 V, TA = 85 °C
IR
-
-
-
-
10
100
nA
AC Characteristics
Diode capacitance
VR = 1 V, f = 1 MHz
VR = 2 V, f = 1 MHz
VR = 3 V, f = 1 MHz
VR = 4 V, f = 1 MHz
VR = 6 V, f = 1 MHz
CT
17.5
11.4
7.8
5.5
3.8
18.3
12.35
8.6
6
4.7
19.3
13.3
9.3
6.6
5.5
pF
Capacitance ratio
VR = 1 V, VR = 3 V, f = 1 MHz
CT1/CT3
1.9
2.15
2.4
-
Capacitance ratio
VR = 1 V, VR = 4 V, f = 1 MHz
CT1/CT4
2.7
3.05
3.5
Capacitance ratio
VR = 4 V, VR = 6 V, f = 1 MHz
CT4/CT6
1.15
1.3
1.45
Series resistance
VR = 1 V, f = 470 MHz, BBY58-02L, -07L4
VR = 1 V, f = 470 MHz, all other
rS
-
-
0.3
0.25
-
-


Similar Part No. - BBY58-02V

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BBY58-02V INFINEON-BBY58-02V Datasheet
114Kb / 10P
   Silicon Tuning Diodes
2007-09-19
More results

Similar Description - BBY58-02V

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BBY58 INFINEON-BBY58_07 Datasheet
114Kb / 10P
   Silicon Tuning Diodes
2007-09-19
BB833 INFINEON-BB833 Datasheet
407Kb / 3P
   Silicon Tuning Diodes
Nov-07-2002
BBY52 INFINEON-BBY52 Datasheet
390Kb / 3P
   Silicon Tuning Diodes
Oct-24-2002
BBY55 INFINEON-BBY55 Datasheet
411Kb / 3P
   Silicon Tuning Diodes
Nov-14-2002
BBY55 INFINEON-BBY55_07 Datasheet
88Kb / 8P
   Silicon Tuning Diodes
2007-05-25
BB833 INFINEON-BB833_07 Datasheet
54Kb / 5P
   Silicon Tuning Diodes
2007-04-20
BBY66 INFINEON-BBY66_07 Datasheet
92Kb / 8P
   Silicon Tuning Diodes
2007-04-20
BBY66 INFINEON-BBY66 Datasheet
391Kb / 3P
   Silicon Tuning Diodes
Nov-14-2002
logo
New Jersey Semi-Conduct...
MVAM108 NJSEMI-MVAM108 Datasheet
91Kb / 1P
   SILICON TUNING DIODES
logo
Infineon Technologies A...
BBY52 INFINEON-BBY52_07 Datasheet
69Kb / 7P
   Silicon Tuning Diodes
2007-04-20
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com