Part Name
         Description
54ACT112

 Dual JK Negative Edge-Triggered Flip-Flop ( 7 Page)


NSC
100% 
Zoom Out Zoom In
   
 4 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.5V to +7.0V
DC Input Diode Current (I
IK)
V
I = −0.5V
−20 mA
V
I = VCC + 0.5V
+20 mA
DC Input Voltage (V
I)
−0.5V to V
CC + 0.5V
DC Output Diode Current (I
OK)
V
O = −0.5V
−20 mA
V
O = VCC + O.5
+20 mA
DC Output Voltage (V
O)
−0.5V to V
CC +0.5V
DC Output Source
or Sink Current (I
O)
±50 mA
DC V
CC or Ground Current
per Output Pin (I
CC or IGND)
±50 mA
Storage Temperature (T
STG)
−65˚C to +150˚C
Junction Temperature (T
J)
CDIP
175˚C
Recommended Operating
Conditions
Supply Voltage (V
CC)
4.5V to 5.5V
Input Voltage (V
I)
0VtoV
CC
Output Voltage (V
O)
0VtoV
CC
Operating Temperature (T
A)
−55˚C to +125˚C
Minimum Input Edge Rate (
∆V/∆t)
125 mV/ns
V
IN from 0.8V to 2.0V
V
CC @ 4.5V, 5.5V
Note 1: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, without
exception, to ensure that the system design is reliable over its power supply,
temperature, and output/input loading variables. Fairchild does not recom-
mend operation of FACTcircuits outside databook specifications.
DC Characteristics for ’ACT Family Devices
Symbol
Parameter
VCC
TA = −55˚C to +125˚C
Units
Conditions
(V)
Guaranteed Limits
VIH
Minimum High Level
4.5
2.0
V
VOUT = 0.1V
Input Voltage
5.5
2.0
or VCC − 0.1V
VIL
Maximum Low Level
4.5
0.8
V
VOUT = 0.1V
Input Voltage
5.5
0.8
or VCC − 0.1V
VOH
Minimum High Level
4.5
4.4
V
IOUT = −50 µA
Output Voltage
5.5
5.4
VIN = VIL or VIH
4.5
3.70
V
IOH = −24 mA
5.5
4.70
IOH = −24 mA
(Note 2)
VOL
Maximum Low Level
4.5
0.1
V
IOUT = 50 µA
Output Voltage
5.5
0.1
VIN = VIL or VIH
4.5
0.5
V
IOL = 24 MA
5.5
0.5
IOL = 24 mA
(Note 2)
IIN
Maximum Input Leakage
Current
5.5
± 1.0
µA
VI = VCC, GND
ICCT
Maximum ICC/Input
5.5
1.6
mA
VI = VCC − 2.1V
IOLD
Minimum Dynamic
5.5
50
mA
VOLD = 1.65V Max
IOHD
Output Current(Note 3)
5.5
−50
mA
VOHD = 3.85V Min
ICC
Maximum Quiescent
Supply Current
5.5
80.0
µA
VIN = VCC or GND
Note 2: All outputs loaded; thresholds on input associated with output under test.
Note 3: Maximum test duration 2.0 ms, one output loaded at a time.
www.national.com
4



Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC74F112DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP 1 2 3 Motorola, Inc
SN74LS113ADUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP 1 2 3 Motorola, Inc
SN54LS107ADUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP 1 2 3 4 Motorola, Inc
SN54LS112ADUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP 1 2 3 4 Motorola, Inc
74ALS112ADual J-K negative edge-triggered flip-flop 1 2 3 4 5 MoreNXP Semiconductors
74LCX112Low Voltage Dual J-K Negative Edge-Triggered Flip-Flop with 5V Tolerant Inputs 1 2 3 4 5 MoreFairchild Semiconductor
SN54LS113ADUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP 1 2 3 4 Motorola, Inc
SN54LS114ADUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP 1 2 3 4 Motorola, Inc
SN54LS73ADUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP 1 2 3 Motorola, Inc
54LS114Dual JK Negative Edge-Triggered Flip-Flop with Common Clocks and Clears 1 2 3 4 5 MoreNational Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl