Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ1117ID-2.5TRG1 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AZ1117ID-2.5TRG1
Description  LOW DROPOUT LINEAR REGULATOR WITH INDUSTRIAL TEMPERATURE RANGE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AZ1117ID-2.5TRG1 Datasheet(HTML) 4 Page - Diodes Incorporated

  AZ1117ID-2.5TRG1 Datasheet HTML 1Page - Diodes Incorporated AZ1117ID-2.5TRG1 Datasheet HTML 2Page - Diodes Incorporated AZ1117ID-2.5TRG1 Datasheet HTML 3Page - Diodes Incorporated AZ1117ID-2.5TRG1 Datasheet HTML 4Page - Diodes Incorporated AZ1117ID-2.5TRG1 Datasheet HTML 5Page - Diodes Incorporated AZ1117ID-2.5TRG1 Datasheet HTML 6Page - Diodes Incorporated AZ1117ID-2.5TRG1 Datasheet HTML 7Page - Diodes Incorporated AZ1117ID-2.5TRG1 Datasheet HTML 8Page - Diodes Incorporated AZ1117ID-2.5TRG1 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AZ1117I
Document number: DS38213 Rev. 1 - 2
4 of 15
www.diodes.com
December 2015
© Diodes Incorporated
AZ1117I
Electrical Characteristics AZ1117I-1.2 (Cont.)
(Operating Conditions: VIN ≤ 10V, IOUT = 10mA, TJ = +25°C, unless otherwise specified. (P ≤ maximum power dissipation). Limits appearing in
Boldface type apply over the entire junction temperature range for operation, -40°C to +125°C.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOUT
Output Voltage
1.5V ≤ VIN-VOUT ≤ 10V
1.176
1.2
1.224
V
1.152
1.2
1.248
VRLINE
Line Regulation
1.5
V ≤ VIN-VOUT ≤ 10V
0.5
6
mV
10
VRLOAD
Load Regulation
VIN = VOUT+2V
1mA
≤ IOUT ≤ 1A
2
15
mV
VDROP
Dropout Voltage
∆VOUT = 1%,
IOUT = 0.8A
SOT223
1.2
1.3
V
TO252-2
1.3
1.4
V
ILIMIT
Current Limit
1
1.35
A
IQ
Quiescent Current
IOUT = 0
4
6
mA
PSRR
Ripple Rejection
f = 120Hz, COUT = 22µF
(VIN-VOUT) = 3V, IOUT = 300mA
70
dB
Temperature Stability
0.5
%
RMS Output Noise (% of VOUT)
TA = +25°C, 10Hz ≤ f ≤ 10KHz
0.003
%
Thermal Shutdown
Junction Temperature
+160
°C
Thermal Shutdown Hysteresis
+16
°C
θJC
Thermal Resistance
(Junction to Case)
SOT223
15
°C/W
TO252-2
10
Electrical Characteristics AZ1117I-1.5 (Cont.)
(Operating Conditions: VIN ≤ 10V, IOUT = 10mA, TJ = +25°C, unless otherwise specified. (P ≤ maximum power dissipation). Limits appearing in
Boldface type apply over the entire junction temperature range for operation, -40°C to +125°C.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOUT
Output Voltage
1.5V ≤ VIN-VOUT ≤ 10V
1.485
1.5
1.515
V
1.47
1.5
1.53
VRLINE
Line Regulation
1.5V ≤ VIN-VOUT ≤ 10V
0.5
6
mV
10
VRLOAD
Load Regulation
VIN = VOUT+2V
1mA
≤ IOUT ≤ 1A
2
15
mV
VDROP
Dropout Voltage
∆VOUT = 1%,
IOUT = 0.8A
SOT223
1.2
1.3
V
TO252-2
1.3
1.4
V
ILIMIT
Current Limit
1
1.35
A
IQ
Quiescent Current
IOUT = 0
4
6
mA
PSRR
Ripple Rejection
f = 120Hz, COUT = 22µF
(VIN-VOUT) = 3V, IOUT = 300mA
70
dB
Temperature Stability
0.5
%
RMS Output Noise (% of VOUT)
TA = +25°C, 10Hz ≤ f ≤ 10KHz
0.003
%
Thermal Shutdown
Junction Temperature
+160
°C
Thermal Shutdown Hysteresis
+16
°C
θJC
Thermal Resistance
(Junction to Case)
SOT223
15
°C/W
TO252-2
10


Similar Part No. - AZ1117ID-2.5TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117 Datasheet
224Kb / 24P
   1A LOW DROPOUT LINEAR REGULATOR
AZ1117 BCDSEMI-AZ1117 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ1117 DIODES-AZ1117 Datasheet
554Kb / 32P
   1A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
More results

Similar Description - AZ1117ID-2.5TRG1

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LM1117 FCI-LM1117 Datasheet
1Mb / 14P
   800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
logo
Monolithic Power System...
MPQ8903 MPS-MPQ8903 Datasheet
226Kb / 8P
   Industrial Grade, Low Dropout 150mA Linear Regulator
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
AP7173 DIODES-AP7173_09 Datasheet
385Kb / 16P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH
AP7173 Rev. 7
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
AZ2117 DIODES-AZ2117 Datasheet
355Kb / 9P
   LOW DROPOUT LINEAR REGULATOR
July 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com