Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BBY55-02W Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BBY55-02W
Description  Silicon Tuning Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BBY55-02W Datasheet(HTML) 1 Page - Infineon Technologies AG

  BBY55-02W Datasheet HTML 1Page - Infineon Technologies AG BBY55-02W Datasheet HTML 2Page - Infineon Technologies AG BBY55-02W Datasheet HTML 3Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Nov-14-2002
1
BBY55...
Silicon Tuning Diodes
 Excellent linearity
 High Q hyperabrupt tuning diode
 Low series resistance
 Designed for low tuning voltage operation
for VCO's in mobile communications equipment
 Very low capacitance spread
BBY55-02V
BBY55-02W
BBY55-03W
1
2
Type
Package
Configuration
LS(nH) Marking
BBY55-02V
BBY55-02W
BBY55-03W
SC79
SCD80
SOD323
single
single
single
0.6
0.6
1.8
7
77
7 white
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
16
V
Forward current
IF
20
mA
Operating temperature range
Top
-55 ... 150
°C
Storage temperature
Tstg
-55 ... 150


Similar Part No. - BBY55-02W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BBY55-02W SIEMENS-BBY55-02W Datasheet
12Kb / 3P
   Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance)
logo
Infineon Technologies A...
BBY55-02W INFINEON-BBY55-02W Datasheet
88Kb / 8P
   Silicon Tuning Diodes
2007-05-25
More results

Similar Description - BBY55-02W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BBY58 INFINEON-BBY58_07 Datasheet
114Kb / 10P
   Silicon Tuning Diodes
2007-09-19
BB833 INFINEON-BB833 Datasheet
407Kb / 3P
   Silicon Tuning Diodes
Nov-07-2002
BBY52 INFINEON-BBY52 Datasheet
390Kb / 3P
   Silicon Tuning Diodes
Oct-24-2002
BBY55 INFINEON-BBY55_07 Datasheet
88Kb / 8P
   Silicon Tuning Diodes
2007-05-25
BB833 INFINEON-BB833_07 Datasheet
54Kb / 5P
   Silicon Tuning Diodes
2007-04-20
BBY66 INFINEON-BBY66_07 Datasheet
92Kb / 8P
   Silicon Tuning Diodes
2007-04-20
BBY66 INFINEON-BBY66 Datasheet
391Kb / 3P
   Silicon Tuning Diodes
Nov-14-2002
logo
New Jersey Semi-Conduct...
MVAM108 NJSEMI-MVAM108 Datasheet
91Kb / 1P
   SILICON TUNING DIODES
logo
Infineon Technologies A...
BBY52 INFINEON-BBY52_07 Datasheet
69Kb / 7P
   Silicon Tuning Diodes
2007-04-20
BBY58 INFINEON-BBY58 Datasheet
111Kb / 3P
   Silicon Tuning Diodes
Jul-25-2003
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com