Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP22800HB-7 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP22800HB-7
Description  5V SINGLE CHANNEL PROGRAMMABLE LOAD SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22800HB-7 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP22800HB-7 Datasheet HTML 6Page - Diodes Incorporated AP22800HB-7 Datasheet HTML 7Page - Diodes Incorporated AP22800HB-7 Datasheet HTML 8Page - Diodes Incorporated AP22800HB-7 Datasheet HTML 9Page - Diodes Incorporated AP22800HB-7 Datasheet HTML 10Page - Diodes Incorporated AP22800HB-7 Datasheet HTML 11Page - Diodes Incorporated AP22800HB-7 Datasheet HTML 12Page - Diodes Incorporated AP22800HB-7 Datasheet HTML 13Page - Diodes Incorporated AP22800HB-7 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AP22800
Document number: DS36046 Rev. 3 - 2
11 of 14
www.diodes.com
January 2015
© Diodes Incorporated
AP22800
Board Layout and Thermal Considerations
Due to the high current capacity of the load switch, PCB layout needs to ensure good thermal distribution during operation. The top and bottom of
AP22800EV1, the evaluation board for the AP22800, can be seen below.
Figure 1. PCB Copper Layout & Silk Screen
– Top
Figure 2. PCB Copper Layout & Silk Screen
– Bottom
Thermal vias are used directly underneath the chip to help distribute the heat from the device. The ground plane on the underside of the board
effectively acts as a large heatsink. The widths of the tracks carrying VIN and VOUT are kept wide. Vias are also distributed around the board to
aid thermal conduction and to ensure a consistent potential, particularly around the ground connections of the capacitors. All capacitors used are
located as close as possible to the AP22800 to minimize any parasitic effects.
The maximum junction temperature of the AP22800 is +125°C. To ensure that this is not exceeded, the following equation can be used to give an
approximation of junction temperature. Temperature readings taken with a thermal camera can also give a good approximation of power
dissipation with the use of this equation. The board layout has a major influence on the parameter
.
where,
= Junction temperature (°C)
= Ambient temperature (°C)
= Junction to ambient thermal impedance (°C/W)
= Power dissipation (voltage drop across device
output current) (W)


Similar Part No. - AP22800HB-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2280 DIODES-AP2280 Datasheet
286Kb / 9P
   SINGLE CHANNEL SLEW RATE CONTROLLED LOAD SWITCH
AP2280 Rev. 2
AP2280 DIODES-AP2280 Datasheet
304Kb / 12P
   Single Channel Slew Rate Controlled Load Switch
AP2280 Rev. 6
AP2280-1FMG-7 DIODES-AP2280-1FMG-7 Datasheet
304Kb / 12P
   Single Channel Slew Rate Controlled Load Switch
AP2280 Rev. 6
AP2280-1W DIODES-AP2280-1W Datasheet
286Kb / 9P
   SINGLE CHANNEL SLEW RATE CONTROLLED LOAD SWITCH
AP2280 Rev. 2
AP2280-1WG-7 DIODES-AP2280-1WG-7 Datasheet
304Kb / 12P
   Single Channel Slew Rate Controlled Load Switch
AP2280 Rev. 6
More results

Similar Description - AP22800HB-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP22966 DIODES-AP22966 Datasheet
1Mb / 14P
   5V DUAL CHANNEL PROGRAMMABLE LOAD SWITCH
AP22850 DIODES-AP22850 Datasheet
1Mb / 14P
   10V SINGLE CHANNEL PROGRAMMABLE LOAD SWITCH
logo
Alpha & Omega Semicondu...
AOZ1336DI AOSMD-AOZ1336DI Datasheet
1Mb / 14P
   Single Channel Smart Load Switch
Rev. 1.0 January 2014
logo
Diodes Incorporated
DML1006LDS DIODES-DML1006LDS_17 Datasheet
669Kb / 11P
   SINGLE CHANNEL SMART LOAD SWITCH
DML3006LFDS DIODES-DML3006LFDS Datasheet
1Mb / 9P
   SINGLE CHANNEL SMART LOAD SWITCH
DML3009LDC DIODES-DML3009LDC Datasheet
1Mb / 9P
   SINGLE CHANNEL SMART LOAD SWITCH
DML1005LDS DIODES-DML1005LDS Datasheet
1Mb / 10P
   SINGLE CHANNEL SMART LOAD SWITCH
DML1010FDK DIODES-DML1010FDK Datasheet
1Mb / 11P
   SINGLE CHANNEL SMART LOAD SWITCH
June 2022 Rev. 3 - 2
DML1012LDS DIODES-DML1012LDS Datasheet
1Mb / 12P
   SINGLE CHANNEL SMART LOAD SWITCH
March 2022 Rev. 6 - 2
DML3008LFDS DIODES-DML3008LFDS Datasheet
1Mb / 12P
   SINGLE CHANNEL SMART LOAD SWITCH
December 2021 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com