Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP9234L Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP9234L
Description  HIGH ACCURACY SINGLE CHIP SOLUTION FOR 1-CELL Li plus BATTERY PACK
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9234L Datasheet(HTML) 2 Page - Diodes Incorporated

  AP9234L Datasheet HTML 1Page - Diodes Incorporated AP9234L Datasheet HTML 2Page - Diodes Incorporated AP9234L Datasheet HTML 3Page - Diodes Incorporated AP9234L Datasheet HTML 4Page - Diodes Incorporated AP9234L Datasheet HTML 5Page - Diodes Incorporated AP9234L Datasheet HTML 6Page - Diodes Incorporated AP9234L Datasheet HTML 7Page - Diodes Incorporated AP9234L Datasheet HTML 8Page - Diodes Incorporated AP9234L Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AP9234L
Document number: DS38205 Rev. 1 - 2
2 of 14
www.diodes.com
December 2015
© Diodes Incorporated
AP9234L
Typical Applications Circuit (Note 4)
U1
AP9234L
(U-DFN2535-6)
BAT
P+
C1
100nF
R2
2.7kΩ
P-
VDD
VSS
S1
S2
VM
B+
B-
C3 100nF
(Option)
DS
C2
100nF
(Option)
R1
330Ω to 470Ω
Note: 4. R1 and C1 are used to stabilize the supply voltage of the AP9234L. The recommended range of R1 value is
330Ω to 470Ω and C1 value is 10nF to 1000nF,
typical value is 100nF. R2 should be connected between P- to VM sense terminal to monitor the status of charger and the charge/discharge current. The R2
should be between 300
Ω and 4kΩ, typical value is 2.7kΩ. R1 and R2 are also used as current limit resistors if the battery or charger is connected reversely.
Polarity reversing may cause the power consumption of R1 and R2 to go over their power dissipation rating, therefore R1 and R2 values should be selected
appropriately for the actual application. If R2 is more than 4k
Ω resistor, charge may not be off due to the voltage drop on R2.
For power down mode (please contact Diodes Inc. sales team), when first connecting AP9234L system board to the battery, it is necessary to use charger or
to short P- to the battery negative polarity. Once the AP9234L is activated, the charger or connection can be removed, otherwise the battery cannot discharge
current through system board.
The values selected should follow the recommended typical range mentioned above.
Pin Descriptions
Pin Number
Pin Name
Function
1
S1
Source pin of discharging MOSFET, connecting this pin to battery negative pole
2
VSS
Negative power input.
3
VDD
Positive power supply pin, connecting this pin to battery positive pole through R1
4
DS
Test Pin, leave it open
5
VM
Charger negative input pin, short this pin to S2 pin through R2
6
S2
Source pin of charging MOSFET, connecting this pin to charge negative input
EP
D
Exposed PAD is common drain of charge and discharge MOSFET, so in PCB layout, prefer to use large
copper area to cover this pad for better thermal dissipation, then leave it open


Similar Part No. - AP9234L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP9211 DIODES-AP9211 Datasheet
532Kb / 17P
   SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
AP9211S-AA-HAC-7 DIODES-AP9211S-AA-HAC-7 Datasheet
532Kb / 17P
   SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
AP9211S-AB-HAC-7 DIODES-AP9211S-AB-HAC-7 Datasheet
532Kb / 17P
   SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
AP9211S-AC-HAC-7 DIODES-AP9211S-AC-HAC-7 Datasheet
532Kb / 17P
   SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
AP9211S-AD-HAC-7 DIODES-AP9211S-AD-HAC-7 Datasheet
532Kb / 17P
   SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
More results

Similar Description - AP9234L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP9101C DIODES-AP9101C Datasheet
742Kb / 18P
   SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
AP9211 DIODES-AP9211 Datasheet
532Kb / 17P
   SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
AP9214L DIODES-AP9214L Datasheet
689Kb / 17P
   SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
AP9221 DIODES-AP9221 Datasheet
503Kb / 16P
   SINGLE CHIP BATTERY PROTECTION SOLUTION FOR 1-CELL Li BATTERY PACK
May 2021
logo
Shenzhen Huazhimei Semi...
HM5407H HMSEMI-HM5407H Datasheet
1Mb / 11P
   Single-cell Li-ion/Li-polymer rechargeable battery pack protection chip
HM5452G HMSEMI-HM5452G Datasheet
685Kb / 11P
   Single-cell Li-ion/Li-polymer rechargeable battery pack protection chip
logo
Texas Instruments
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-G1 TI1-BQ27541-G1 Datasheet
659Kb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27542-G1 TI1-BQ27542-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com