Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP9211S-AK-HAC-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP9211S-AK-HAC-7
Description  SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9211S-AK-HAC-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP9211S-AK-HAC-7 Datasheet HTML 1Page - Diodes Incorporated AP9211S-AK-HAC-7 Datasheet HTML 2Page - Diodes Incorporated AP9211S-AK-HAC-7 Datasheet HTML 3Page - Diodes Incorporated AP9211S-AK-HAC-7 Datasheet HTML 4Page - Diodes Incorporated AP9211S-AK-HAC-7 Datasheet HTML 5Page - Diodes Incorporated AP9211S-AK-HAC-7 Datasheet HTML 6Page - Diodes Incorporated AP9211S-AK-HAC-7 Datasheet HTML 7Page - Diodes Incorporated AP9211S-AK-HAC-7 Datasheet HTML 8Page - Diodes Incorporated AP9211S-AK-HAC-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AP9211
Document number: DS37596 Rev. 2 - 2
4 of 17
www.diodes.com
December 2015
© Diodes Incorporated
AP9211
Absolute Maximum Ratings (Notes 5 & 6)
Symbol
Parameter
Rating
Unit
VDS
Supply Voltage (Between VDD and VSS)
-0.3 to 12
V
VDM
Charge Input Voltage
(Between VDD and VM for Protection Chip)
-0.3 to 24
V
VDSS
MOSFET Drain-to-Source Voltage
24
V
VGSS
MOSFET Gate-to-Source Voltage
±12
V
ID
Continuous Drain Current, VGS = 4.5V, TA = +25°C
9.0
A
Continuous Drain Current, VGS = 4.5V, TA = +70°C
7.1
A
PD
Power Dissipation
1,000
mW
TJ
Maximum Junction Temperature
+150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
ESD (Machine Model)
300
V
ESD (Human Body Model)
3,000
V
Notes:
5. Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect
device reliability.
6. Ratings apply to ambient temperature at +25°C. The JEDEC High-K board design used to derive this data was a 2 inch x 2 inch multilayer board with 2-
ounce internal power and ground planes and 2-ounce copper traces on the top and bottom of the board.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VDS
Supply Voltage (Between VDD and VSS)
1.5
5.5
V
VDM
Charge Input Voltage (between VDD and VM)
-0.3
5.5
V
TA
Operating Ambient Temperature
-40
+85
°C


Similar Part No. - AP9211S-AK-HAC-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP9214L DIODES-AP9214L Datasheet
689Kb / 17P
   SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
AP9214L(X)- DIODES-AP9214L(X)- Datasheet
689Kb / 17P
   SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
More results

Similar Description - AP9211S-AK-HAC-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP9101C DIODES-AP9101C Datasheet
742Kb / 18P
   SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
AP9214L DIODES-AP9214L Datasheet
689Kb / 17P
   SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
AP9221 DIODES-AP9221 Datasheet
503Kb / 16P
   SINGLE CHIP BATTERY PROTECTION SOLUTION FOR 1-CELL Li BATTERY PACK
May 2021
AP9234L DIODES-AP9234L Datasheet
540Kb / 14P
   HIGH ACCURACY SINGLE CHIP SOLUTION FOR 1-CELL Li plus BATTERY PACK
logo
Shenzhen Huazhimei Semi...
HM5407H HMSEMI-HM5407H Datasheet
1Mb / 11P
   Single-cell Li-ion/Li-polymer rechargeable battery pack protection chip
HM5452G HMSEMI-HM5452G Datasheet
685Kb / 11P
   Single-cell Li-ion/Li-polymer rechargeable battery pack protection chip
logo
Texas Instruments
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-G1 TI1-BQ27541-G1 Datasheet
659Kb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27542-G1 TI1-BQ27542-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com