Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP9211S-AD-HAC-7 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP9211S-AD-HAC-7
Description  SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9211S-AD-HAC-7 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP9211S-AD-HAC-7 Datasheet HTML 5Page - Diodes Incorporated AP9211S-AD-HAC-7 Datasheet HTML 6Page - Diodes Incorporated AP9211S-AD-HAC-7 Datasheet HTML 7Page - Diodes Incorporated AP9211S-AD-HAC-7 Datasheet HTML 8Page - Diodes Incorporated AP9211S-AD-HAC-7 Datasheet HTML 9Page - Diodes Incorporated AP9211S-AD-HAC-7 Datasheet HTML 10Page - Diodes Incorporated AP9211S-AD-HAC-7 Datasheet HTML 11Page - Diodes Incorporated AP9211S-AD-HAC-7 Datasheet HTML 12Page - Diodes Incorporated AP9211S-AD-HAC-7 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AP9211
Document number: DS37596 Rev. 2 - 2
9 of 17
www.diodes.com
December 2015
© Diodes Incorporated
AP9211
Operation Description (Continued)
7. Overvoltage Charger Detection Circuit
This function is used to monitor the charger voltage between the VDD pin and VM pin, and when this voltage exceeds overvoltage charger detection
voltage (8.0V Typ.), the AP9211 will turn off charging MOSFET, when this voltage drops below overvoltage charger release voltage (7.3V Typ.), it
then turns on charging MOSFET. There are no delay times set for detection and release.
8. Power-Down Mode or Auto-Wake-Up Function Option
In device with power-down function, during power-down mode, device enters the overdischarge status. The IC enters sleep mode and the current
consumption becomes very low, typically 0.1µA. To release from power-down status to the normal status, charger connection is required.
In device with auto-wakeup mode, the IC remains active in the overdischarge state. The IC is released into the normal state by the operation that
increases the battery voltage more than overdischarge release voltage.


Similar Part No. - AP9211S-AD-HAC-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP9214L DIODES-AP9214L Datasheet
689Kb / 17P
   SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
AP9214L(X)- DIODES-AP9214L(X)- Datasheet
689Kb / 17P
   SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
More results

Similar Description - AP9211S-AD-HAC-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP9101C DIODES-AP9101C Datasheet
742Kb / 18P
   SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
AP9214L DIODES-AP9214L Datasheet
689Kb / 17P
   SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
AP9221 DIODES-AP9221 Datasheet
503Kb / 16P
   SINGLE CHIP BATTERY PROTECTION SOLUTION FOR 1-CELL Li BATTERY PACK
May 2021
AP9234L DIODES-AP9234L Datasheet
540Kb / 14P
   HIGH ACCURACY SINGLE CHIP SOLUTION FOR 1-CELL Li plus BATTERY PACK
logo
Shenzhen Huazhimei Semi...
HM5407H HMSEMI-HM5407H Datasheet
1Mb / 11P
   Single-cell Li-ion/Li-polymer rechargeable battery pack protection chip
HM5452G HMSEMI-HM5452G Datasheet
685Kb / 11P
   Single-cell Li-ion/Li-polymer rechargeable battery pack protection chip
logo
Texas Instruments
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-G1 TI1-BQ27541-G1 Datasheet
659Kb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27542-G1 TI1-BQ27542-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com